M2RTS-S-41-R/N
AI

The **M2RTS-S-41-R/N** is a specialized high-precision rotary indexer or drive system, commonly used in high-speed automation and assembly machinery. This part number typically refers to a **Sankyo Seiki** (or similar high-end automation brand) indexing drive.
---
### 1. Key Technical Specifications
Based on standard industrial naming conventions for this series, here are the core electronic and mechanical parameters:
| Feature | Specification | Description |
|:---|:---|:---|
| **Drive Type** | Servo-Driven / Cam | Integrates a precision cam mechanism with an electric motor interface. |
| **Output Type** | Shaft Output (S) | Indicates a solid output shaft for mounting dials or plates. |
| **Indexing Stations** | 4 Stops | The "4" usually denotes four distinct indexed positions per revolution. |
| **Rotation Ratio** | 1:1 (Approx.) | The "1" often refers to the specific gear or cam ratio for torque optimization. |
| **Coating/Material** | R/N | Likely signifies Nickel plating (N) or specific rust-prevention (R) for cleanroom/high-durability use. |
---
### 2. Electronic Components & Integration
To operate the M2RTS-S-41-R/N, several electronic sub-systems are required:
#### A. Motion Controller / PLC
* **Signal Logic:** The unit relies on a PLC (Programmable Logic Controller) to send pulse and direction signals.
* **Cycle Coordination:** It ensures the indexer moves only when the tooling is clear, often using a **"Cycle Start"** digital input.
#### B. Feedback Sensors (Encoders)
* Most "S-series" indexers utilize an **Absolute Encoder** or a **Home Sensor**.
* **Electronic Function:** These sensors provide the "In-Position" (IP) signal to the electronics, confirming the table has locked into one of the 4 stations.
#### C. Servo Motor & Drive
* The system is usually paired with a high-torque brushless AC Servo Motor.
* **Voltage:** Typically 200V-230V 3-Phase.
* **Electronic Protection:** The drive includes Overcurrent, Overvoltage, and Regenerative Braking protection to handle the high inertia of the rotating mass.
---
### 3. Application Use Cases
The electronic synchronization of this part allows for:
1. **Rotary Assembly Tables:** Moving parts between 4 stations (e.g., Load → Press → Inspect → Unload).
2. **Electronic Packaging:** High-speed taping or sorting of components.
3. **Cleanroom Automation:** The "N" (Nickel) finish makes it suitable for electronics manufacturing where oil contamination must be minimized.
---
### 4. Wiring Overview
The electrical interface generally consists of two main cable sets:
1. **Power Cable:** Supplies high-voltage current to the internal motor.
2. **Signal/Encoder Cable:** Carries the high-resolution feedback signal back to the servo drive to ensure arc-second positioning accuracy.
---
- ⤷
What are the specific torque ratings for the M2RTS series?
- ⤷ How do I calibrate the home position sensor on this indexer?
- ⤷ Can this unit be interfaced with a 110V single-phase power supply?