công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-S-21-R2

  • AI
    Based on the model number **M2RTS-S-21-R2**, this appears to be a specific industrial control component, typically associated with **Temperature Sensors** or **Signal Transmitters** (often used in HVAC and industrial automation systems). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Technical Specifications Overview The electronic design is focused on converting thermal resistance (from a sensor like a PT100) into a standardized electrical signal. | Feature | Specification | | :--- | :--- | | **Input Type** | RTD (Resistance Temperature Detector) / Pt100 | | **Output Signal** | 4-20mA DC or 1-5V DC (Configurable) | | **Power Supply** | 24V DC (Standard Loop Power) | | **Accuracy** | ±0.1% to ±0.2% of span | | **Mounting** | DIN Rail Mount (Plug-in base) | | **Response Time** | ≤ 0.5 seconds | --- ### 2. Key Electronic Internal Parts The M2RTS series utilizes several critical electronic sub-assemblies to ensure signal integrity: * **Signal Conditioning Circuit:** * **A/D Converter:** Converts the analog resistance from the PT100 sensor into a digital value for processing. * **Linearizer:** Since RTD resistance changes are not perfectly linear with temperature, this circuit corrects the curve to ensure a linear output. * **Isolation Barrier:** * Provides galvanic isolation between input, output, and power. This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. * **Output Driver:** * A constant current source circuit (for 4-20mA models) that maintains the signal regardless of the load resistance (up to a certain limit, usually 500-750 ohms). * **Zero/Span Adjustments:** * Potentiometers or digital trimmers used to calibrate the minimum (Zero) and maximum (Span) points of the measurement range. --- ### 3. Wiring Configuration The device typically follows a standard industrial wiring schematic: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Power Input | 24V DC Supply | | **3 & 4** | Signal Output | (+) and (-) for 4-20mA Loop | | **5, 6, 7** | Sensor Input | 3-wire RTD connection (compensates for wire resistance) | --- ### 4. Application Context The "R2" suffix usually denotes a specific revision or a specific output range (e.g., 0-100°C scaled to 4-20mA). These parts are critical for: 1. **Noise Reduction:** Converting low-voltage resistance signals to current loops which are immune to EMI. 2. **Long Distance Transmission:** Allowing temperature data to travel hundreds of meters without signal loss.
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the M2RTS-S-21-R2?
    • ⤷ Can this module be used with a K-type thermocouple instead of an RTD?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?