AI

The **M2RTS-R-DA-M2/UL** is a specialized electronic component, typically classified as a **Signal Conditioner** or **Transmitter** within the M-System (M-Unit) series. It is designed to convert resistance temperature sensor (RTD) signals into standard industrial analog signals.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of this specific model:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 (Mini-M Series) |
| **Input Type** | RTD (Resistance Temperature Detector) |
| **Output Type** | DC Voltage or Current (Configurable) |
| **Power Input** | 100 – 240V AC (Standard for 'M2' suffix) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail / Plug-in Base |
| **Certifications** | UL Listed (as indicated by the `/UL` suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code identifies specific electronic functions:
* **M2**: Represents the **Mini-M Series**, a compact, plug-in style signal conditioner.
* **RTS**: Indicates the function is an **RTD Transmitter**.
* **R**: Specifies the **Power Input**. Usually, 'R' denotes 24V DC or specific AC ranges depending on the catalog version (Verify with datasheet for AC vs DC).
* **DA**: Represents the **Output Code**. 'D' often signifies a voltage output (e.g., 0-10V), and 'A' can signify a 4-20mA current loop.
* **M2**: Designates the specific terminal block/base style.
* **UL**: Signifies the unit meets **Underwriters Laboratories** safety standards for the North American market.
---
### 3. Key Electronic Functions
#### Signal Linearization
RTDs do not have a perfectly linear resistance-to-temperature relationship. The internal circuitry of the M2RTS-R-DA-M2 performs **linearization**, ensuring the output (e.g., 4-20mA) is proportional to the actual temperature, not just the raw ohms.
#### 3-Way Isolation
This part provides electrical isolation between the input, output, and power supply. This is critical in industrial settings to:
* Prevent ground loops.
* Protect expensive PLC/DCS input cards from high-voltage surges at the sensor end.
* Reduce electromagnetic interference (EMI).
#### Burnout Protection
The device includes a "Burnout" feature. If the RTD wire breaks, the electronic output will automatically drive to a pre-set state (usually Upscale >20mA or Downscale <4mA) to alert the control system of a sensor failure.
---
### 4. Typical Wiring Diagram Concept
```mermaid
graph LR
A[RTD Sensor] -- Resistance --> B(M2RTS Transmitter)
C[Power Supply] -- 100-240V AC --> B
B -- 4-20mA / 0-10V --> D[PLC/Controller]
```
- ⤷
What are the specific RTD types (Pt100
- ⤷ Ni500
- ⤷ etc.) supported by this model?
- ⤷ How do I calibrate the zero and span settings on the M2RTS?
- ⤷ What is the response time for the signal conversion in this series?