M2RTS-R-D4-M2/N
AI

The **M2RTS-R-D4-M2/N** is a specific model within the **M2 Series** of signal conditioners produced by **M-System** (now part of MG CO., LTD). This device is a high-performance **RTD Transmitter** designed to convert signals from a Resistance Temperature Detector (RTD) into a standard DC output.
---
## 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Primary Function** | RTD Transmitter (Signal Conditioner) |
| **Input Signal** | Pt 100 (Platinum RTD), 3-wire or 4-wire configurations |
| **Output Signal** | 4 to 20 mA DC |
| **Power Input (D4)** | 100 – 240V AC (Operating range: 85 – 264V AC) |
| **Configuration (M2)** | Standard PC programmable or fixed (depending on sub-type) |
| **Mounting** | DIN Rail Mounting |
| **Isolation** | 3-way isolation (Input to Output to Power) |
---
## 2. Model Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific electronic characteristics of the unit:
* **M2RTS**: The series identifier for an RTD Transmitter in the M2 mini-component line.
* **-R**: Indicates the output type. In this context, it typically refers to a specific current or voltage range (often 4-20mA).
* **-D4**: Specifies the **Power Input**. "D4" indicates a wide-range AC power supply (100–240V AC).
* **-M2**: Denotes the housing and terminal type. The M2 series is characterized by its compact, plug-in base structure.
* **-N**: Usually indicates a specific option or "No specific option" depending on the regional catalog (often related to standard compliance or coating).
---
## 3. Key Electronic Components & Internal Functions
The device operates through several critical electronic stages:
### A. Input Conditioning Stage
This section uses a constant current source to excite the RTD sensor. It measures the resistance change and compensates for the lead-wire resistance (especially in 3-wire setups) to ensure accuracy regardless of the distance between the sensor and the transmitter.
### B. Galvanic Isolation
One of the most important electronic features is the **2000V AC isolation**. It uses optoisolators or transformers to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
### C. Signal Conversion & Linearization
RTD curves are not perfectly linear. The internal circuitry (microprocessor-based in the M2 series) performs **Linearization**, ensuring the 4-20mA output is directly proportional to the temperature, not just the raw resistance.
### D. Output Driver
The final stage converts the processed signal into a stable current loop. It is designed to drive loads up to a certain resistance (typically 750Ω) even with fluctuations in the external loop power.
---
## 4. Wiring Diagram (Simplified)
```text
[ FIELD SIDE ] [ TRANSMITTER ] [ CONTROL SIDE ]
(RTD) (M2RTS) (PLC/DCS)
Term 1 <-----------------> Input (+)
Term 2 <-----------------> Input (-) ==== [ ISOLATION ] ==== Output (+)
Term 3 <-----------------> Comp. ==== [ ISOLATION ] ==== Output (-)
|
[ Power L/N ]
```
---
- ⤷
What are the specific resistance ranges supported by the Pt 100 input on this model?
- ⤷ How do I calibrate the zero and span settings for the M2RTS?
- ⤷ What is the maximum power consumption for the D4 AC power variant?