công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-R-34-R2SLASHCE

  • AI
    The **M2RTS-R-34-R2/CE** is a high-performance Remote Terminal Unit (RTU) or signal conditioner module, typically part of the M-System M2 Series. These devices are designed to interface field signals with control systems (PLC/DCS) while providing galvanic isolation and signal conversion. --- ### 1. Key Technical Specifications Based on the part number breakdown, here are the electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2RTS | Resistance Transmitter (Potentiometer input) | | **Output 1** | 4 | 4 – 20 mA DC (Load resistance 550 $\Omega$ max) | | **Output 2** | R | 0 – 10 V DC (Load resistance 10 k$\Omega$ min) | | **Power Input** | R2 | 11-27 V DC (Ripple 10% p-p max) | | **Standards** | /CE | CE marking compliant (EU safety/EMC) | --- ### 2. Electronic Component Functionality #### Input Section (Potentiometer Input) * **Excitation Voltage:** The module provides a stable reference voltage to the external potentiometer. * **A/D Conversion:** The analog resistance value is converted into a high-resolution digital signal for internal processing. * **Burnout Protection:** The electronic circuitry includes a burnout detection feature. If the potentiometer wire breaks, the output will automatically go to a predefined "Upper" or "Lower" limit (selectable). #### Signal Conditioning & Processing * **Linearization:** The internal electronics compensate for non-linearities in the resistance element to ensure the output is proportional to the physical position. * **Zero/Span Adjustment:** Front-panel potentiometers (trimmers) allow for fine-tuning the electronic calibration without specialized software. #### Isolation Barrier * **Three-Way Isolation:** The electronics are designed to provide complete isolation between: 1. **Input** (Potentiometer) 2. **Output** (Current/Voltage) 3. **Power Supply** * **Dielectric Strength:** Typically rated for 2000V AC @ 1 minute, preventing ground loops and protecting sensitive PLC inputs from high-voltage surges. --- ### 3. Connection Diagram (General Layout) ```text [ POTENTIOMETER ] [ M2RTS MODULE ] [ CONTROL SYSTEM ] (Field) (Electronic) (PLC/DCS) | | | /----------\ /----------\ | | | --------------> | Input | ------------> | 4-20mA In| | | | | Stage | \----------/ | | | | (Isolator)| /----------/ | | | | Output | ------------> | 0-10V In | \--/--/ \----------/ \----------/ ^ | [ 24V DC Power ] ``` --- ### 4. Application Electronic Benefits * **Dual Output:** Since this specific model features "34" (4-20mA and 0-10V), the internal electronics split the signal, allowing you to drive a local display and a remote controller simultaneously. * **High Response Time:** The internal processing ensures a response time of $\leq$ 0.5 seconds (0 – 90%).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2RTS module?
    • ⤷ What are the specific pin assignments for the R2 power supply configuration?
    • ⤷ Can the 4-20mA output be changed to a 1-5V output via internal jumpers?