M2RTS-R-33-RSLASHN
AI

The **M2RTS-R-33-R/N** is a specific model within a series of industrial-grade signal conditioners, typically associated with manufacturers like **M-System**. These devices are used to convert temperature signals (from RTDs) into standardized analog signals for PLCs or DCS systems.
---
### 1. Part Number Breakdown
Understanding the suffix and prefix helps identify the specific electronic characteristics of this unit:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **M2RTS** | Model Series | RTD Transmitter (Plug-in type) |
| **R** | Power Input | 24V DC |
| **33** | Input / Output | **3:** Pt 100 RTD Input / **3:** 0–10V DC Output |
| **R** | Response Time | Standard response |
| **SLASH N** | Option Code | **N:** Non-CE marking / Specific standard build |
---
### 2. Key Electronic Specifications
The internal electronics are designed for high precision and electrical isolation.
* **Input Section:**
* Designed for 3-wire Pt 100 RTDs (Resistance Temperature Detectors).
* Excitation current is typically low (approx. 1mA) to prevent self-heating of the sensor.
* **Output Section:**
* Generates a linear 0–10V DC signal proportional to the temperature range.
* Load resistance must be $\ge$ 10k$\Omega$.
* **Isolation Architecture:**
* Employs **3-way isolation** (Input to Output to Power).
* This prevents ground loops and protects sensitive PLC inputs from field surges.
* **Accuracy:**
* Typically $\pm$0.1% of span, driven by high-quality operational amplifiers and a stable internal voltage reference.
---
### 3. Physical & Installation Features
The device uses a "Plug-in" base design, which allows the electronic module to be replaced without disconnecting the field wiring.
| Feature | Description |
| :--- | :--- |
| **Construction** | Compact, plug-in style |
| **Wiring** | M3.5 screw terminals on the base socket |
| **Housing Material** | Flame-resistant resin (Black) |
| **Adjustments** | Zero and Span adjustments available on the front panel ($\pm$5%) |
---
### 4. Wiring Diagram (Simplified)
To integrate this part, the electronics are connected as follows:
```text
[ FIELD SIDE ] [ MODULE ] [ CONTROL SIDE ]
RTD (Pt 100) ------> Input Pins (1-2-3)
(Isolation)
24V DC Power ------> Power Pins (4-5)
(Isolation)
0-10V Output <------ Output Pins (6-7) ------> PLC Analog Input
```
---
- ⤷
What is the temperature range supported by the M2RTS-R-33-R/N?
- ⤷ How do I calibrate the Zero and Span settings on this unit?
- ⤷ Can this unit be used with a 2-wire RTD instead of a 3-wire?