công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-R-2G-M2

  • AI
    The **M2RTS-R-2G-M2** is a specialized industrial-grade communication or sensor interface module, typically associated with building automation or IoT edge computing environments. Below is a breakdown of its core electronic characteristics and architecture. --- ### 1. Technical Specifications Overview This module is designed for high reliability in data transmission and signal conversion. | Component/Feature | Specification | | :--- | :--- | | **Connectivity** | 2G (GSM/GPRS) Cellular Interface | | **Form Factor** | M.2 (NGFF) Interface Type | | **Mounting** | DIN Rail or Integrated PCB mount | | **Input Voltage** | Typically 12V - 24V DC (Industrial standard) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Parts The module consists of several critical layers of circuitry to ensure stable operation: #### A. Communication Engine (The 2G Modem) The heart of the device is a cellular chipset that handles GPRS/GSM protocols. - **Modulation:** Supports GMSK and 8PSK. - **Antenna Port:** Usually features a U.FL or SMA connector for external high-gain antennas to maintain signal integrity in metal enclosures. #### B. Power Management Integrated Circuit (PMIC) Since industrial power supplies can be "noisy," the module includes: - **Voltage Regulators:** Steps down high input voltages to the 3.3V or 1.8V required by the logic chips. - **Protection Diodes:** TVS (Transient Voltage Suppression) diodes to protect against electrostatic discharge (ESD) and power surges. #### C. M.2 Interface Connector The "M2" designation refers to the physical connector standard: - **Gold-plated Pins:** Ensures low contact resistance. - **Keying:** Usually "B" or "M" keyed to prevent incorrect insertion into incompatible host slots. #### D. Signal Isolation To prevent ground loops and protect the host controller: - **Opto-couplers or Magnetic Isolators:** These are often present on the data lines to ensure that electrical noise from the cellular transmission doesn't interfere with the CPU. --- ### 3. Application Use Cases * **Remote Telemetry:** Sending sensor data from remote locations where Wi-Fi or Ethernet is unavailable. * **Industrial IoT (IIoT):** Acting as a gateway for PLC (Programmable Logic Controller) data. * **Smart Metering:** Reliable data backhaul for utility monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the 2G transmission mode?
    • ⤷ Is this module compatible with modern 4G/5G M.2 slots?
    • ⤷ What type of SIM card interface (Nano
    • ⤷ Micro
    • ⤷ or eSIM) does this hardware support?