công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RT-6G-R/CE

  • AI
    The **M2RT-6G-R/CE** is a specialized radio frequency (RF) component, specifically a **high-frequency coaxial termination (load)**. These devices are critical in RF and microwave engineering to absorb signal energy and prevent reflections that could damage sensitive equipment. --- ### 1. Technical Specifications The part number indicates specific electronic characteristics designed for precision testing and telecommunications. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | RF Termination / Dummy Load | Absorbs RF power with minimal reflection. | | **Frequency Range** | DC to 6 GHz | Suitable for Wi-Fi, LTE, and sub-6GHz 5G. | | **Connector Type** | M2 (Proprietary/Miniature) | Often refers to a specific sub-miniature interface. | | **Impedance** | 50 Ohms | Standard impedance for RF systems. | | **Orientation** | Right-Angle (R) | The "R" usually denotes a right-angle physical body. | | **Compliance** | CE | Meets European safety and environmental standards. | --- ### 2. Key Electronic Features * **VSWR (Voltage Standing Wave Ratio):** Typically very low (often <1.2:1 up to 6GHz). This measures how efficiently the part absorbs energy rather than reflecting it back to the source. * **Power Handling:** These units are generally designed for low-power signal applications (0.25W to 2W). They utilize precision thin-film resistors to convert RF energy into heat. * **Gold-Plated Contacts:** Ensures high conductivity and corrosion resistance, maintaining signal integrity over thousands of mating cycles. * **Shielding:** Designed to prevent EMI (Electromagnetic Interference) leakage into the surrounding environment. --- ### 3. Common Applications In an electronic system, the M2RT-6G-R/CE serves several critical functions: 1. **Circuit Termination:** Closing an unused port on a splitter, coupler, or switch to maintain the 50-ohm characteristic impedance of the system. 2. **Testing & Measurement:** Used as a reference load when calibrating Vector Network Analyzers (VNAs) or testing transmitters. 3. **Protection:** Absorbing "echoes" in high-speed data circuits to prevent data corruption or transistor burnout. --- ### 4. Part Number Breakdown (General Logic) | Prefix/Suffix | Meaning | | :--- | :--- | | **M2** | Series/Interface Type | | **RT** | Resistive Termination | | **6G** | 6 GHz Frequency Rating | | **R** | Right Angle Geometry | | **CE** | European Conformity Mark |
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (Wattage) for this specific series?
    • ⤷ How does the Right-Angle (R) design affect signal loss compared to a straight connector?
    • ⤷ Is this component compatible with standard SMA or SMB interfaces?