M2RT-6A-R/BL
AI

The **M2RT-6A-R/BL** is a specific model within the series of industrial-grade **Rotary Switches** or **Selector Switches**, typically manufactured by brands like *NIDEC COMPONENTS (formerly COPAL ELECTRONICS)* or similar industrial component providers.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Rotary Switch (Sub-miniature) |
| **Circuit Configuration** | Double Pole, Double Throw (DPDT) / 2-Pole |
| **Number of Positions** | 2 Positions |
| **Switching Function** | ON - ON |
| **Current Rating** | Typically 6A @ 125VAC / 3A @ 250VAC |
| **Actuator Style** | Round Lever / Bat Toggle style (depending on series) |
| **Termination Style** | PC Pin (Through-hole) or Solder Lug |
| **Color Code** | BL = Blue / R = Red (typically refers to the body or lever cap) |
---
### 2. Key Electronic Characteristics
#### A. Contact Mechanism
The "RT" in the series often signifies a **Rotary-style Toggle** or a reinforced contact mechanism designed for high reliability. The internal contacts are usually silver-plated or gold-flashed to ensure low contact resistance and prevent oxidation over long periods of use.
#### B. Power Handling
Unlike signal-level DIP switches, the **6A** designation indicates this part is capable of handling significant power loads. It is suitable for:
* AC Mains switching (125V/250V).
* Motor control triggers.
* Power supply mode selection.
#### C. Mounting and Durability
* **Sealing:** These parts are often washable or sealed to withstand soldering fluxes and industrial cleaning agents.
* **Mechanical Life:** Designed for 25,000 to 50,000 cycles minimum.
* **Dielectric Strength:** Usually rated for 1,000V AC for one minute, ensuring safety between the circuit and the operator.
---
### 3. Application Use Cases
1. **Industrial Machinery:** Used as a mode selector (e.g., Manual vs. Auto).
2. **Test Equipment:** Switching between different measurement ranges or input sources.
3. **Medical Devices:** Reliable power or state switching where accidental toggling must be minimized.
4. **Audio Equipment:** High-end routing where physical tactile feedback and low resistance are required.
---
- ⤷
What is the exact pinout diagram for the DPDT configuration of this switch?
- ⤷ Are there waterproof (IP67) versions available in this specific series?
- ⤷ How does the 'R/BL' color coding affect the ordering process?