công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RT-5A-R2/N

  • AI
    The **M2RT-5A-R2/N** is a specific model of a **Remote I/O Terminal** (often associated with M-System or similar industrial automation brands). It serves as an interface between field signals and a central control system (like a PLC or PC) using the **Modbus** protocol. Below is an explanation of its core electronic components, functions, and specifications. --- ### 1. Core Technical Specifications This device acts as a data acquisition module, typically featuring analog inputs. | Feature | Specification | | :--- | :--- | | **Model Type** | Remote I/O Terminal (R2 Series) | | **Input Channels** | 5-point Analog Input | | **Input Signal** | RTD (Resistance Temperature Detector) | | **Communication Protocol** | Modbus (RS-485 / RS-232C) | | **Power Supply** | 24V DC | | **Isolation** | Input to output to power (3-way isolation) | --- ### 2. Key Electronic Parts and Functionality #### A. Input Section (RTD Interface) * **A/D Converter (Analog-to-Digital):** The core of the input stage. It converts the small resistance changes from RTD sensors (like Pt100) into digital values. * **Burnout Detection Circuit:** A safety circuit that detects if a wire to the temperature sensor is broken. * **Filtering:** Electronic low-pass filters to remove 50/60 Hz industrial noise from the sensitive temperature leads. #### B. Processing & Communication * **Microprocessor:** Manages the Modbus RTU protocol stack, performs linear conversion (converting resistance to temperature), and handles data buffering. * **RS-485 Transceiver:** An integrated circuit (IC) that handles differential signaling for long-distance communication with the master controller. * **DIP Switches:** Internal or side-mounted physical switches used to set the **Node Address** and **Baud Rate**. #### C. Power & Isolation * **DC-DC Converter:** Converts the 24V DC input into the internal voltages required by the logic chips and sensors. * **Optical Isolators (Optocouplers):** Provide electrical separation between the field inputs and the communication lines. This prevents high-voltage surges in the field from destroying the central PLC. --- ### 3. Wiring Diagram Overview The unit typically uses a terminal block for connections: ```text [ Power L+ ] ---- [ 24V DC (+) ] [ Power N- ] ---- [ 24V DC (-) ] [ FG ] ---- [ Frame Ground ] [ DA/DB/DG ] ---- [ Modbus Communication (RS-485) ] [ 1 / 2 / 3] ---- [ RTD Channel 1 (3-wire connection) ] ``` --- ### 4. Application Context The **"R2"** in the part number usually signifies the series type, and **"5A"** denotes the 5-channel capacity. The **"/N"** suffix often indicates a specific option, such as the absence of a mounting base or a specific coating for environmental protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5A and 5B models in the R2 series?
    • ⤷ How do I configure the Modbus registers for this specific terminal?
    • ⤷ What type of RTD sensors (Pt100
    • ⤷ Pt1000) are compatible with this module?