M2RT-5A-R/K
AI

The **M2RT-5A-R/K** is a high-performance, signal-conditioning plug-in module manufactured by **M-System**. It is specifically an **Electronic Potentiometer Transmitter**.
Its primary function is to sense the position of a potentiometer (resistance) and convert that linear or rotational movement into a standard industrial DC signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Potentiometer Transmitter (Plug-in) |
| **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) |
| **Output Signal (R)** | 4 – 20 mA DC (Load resistance 600 $\Omega$ max) |
| **Power Input (K)** | 85 – 132 V AC |
| **Accuracy** | ±0.1% |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Construction** | Plug-in base socket mount |
---
### 2. Functional Breakdown
The device consists of several critical electronic stages to ensure signal integrity:
* **Excitation Circuit:** Provides a constant, regulated voltage to the external potentiometer.
* **Isolation Transformer:** The "M2" series features high-level isolation between the Input, Output, and Power circuits (2000V AC).
* **Zero/Span Adjustment:** Located on the front panel, these allow the user to calibrate the 0% and 100% points of the resistance travel to the desired DC output.
* **Signal Conditioner:** Converts the varying resistance ratio into a stabilized current or voltage loop.
---
### 3. Model Suffix Breakdown (5A-R/K)
The alphanumeric code identifies the specific hardware configuration:
* **5A:** Represents the standard input/output configuration for a Potentiometer to DC signal.
* **R:** Indicates the Output type (typically **4 – 20 mA DC**).
* **K:** Indicates the Power Supply requirement (**85 – 132 V AC**).
---
### 4. Typical Wiring Diagram (Simplified)
```text
[ Potentiometer ] [ M2RT Unit ] [ Controller/PLC ]
(High) Pin 1 ---------- Pin 1 (Input)
(Wiper) Pin 2 ---------- Pin 2 (Input) -----> Output (+) Pin 4
(Low) Pin 3 ---------- Pin 3 (Input) -----> Output (-) Pin 5
-----> Power (L/N) Pins 7/8
```
---
- ⤷
How do I calibrate the Zero and Span settings on this specific module?
- ⤷ What is the difference between the 'R' and 'V' output codes for this series?
- ⤷ Can this module be used with a 2-wire resistance input instead of a 3-wire potentiometer?