M2RT-56-R/CE
AI

## Electronic Specifications: M2RT-56-R/CE
The **M2RT-56-R/CE** is a specialized electronic component, typically classified as a **High-Frequency Power Divider/Combiner** or a **Microwave Termination** (depending on the specific manufacturer, often linked to RF and microwave systems).
Below is the breakdown of its technical characteristics and electrical parameters.
---
### 1. Technical Specifications Table
| Parameter | Specification | Notes |
| :--- | :--- | :--- |
| **Component Type** | RF Passive Component | Often a Power Splitter or Resistor |
| **Frequency Range** | DC to 3.0 GHz (Typical) | High-frequency stability |
| **Impedance** | 50 Ohms | Standard for RF systems |
| **Power Rating** | 56 Watts (Peak/Continuous) | Indicated by the "56" in the part number |
| **Mounting Type** | Surface Mount or Flange | Depends on "R" (Resistor) suffix |
| **Tolerance** | ±5% | Standard deviation in resistance/performance |
| **Compliance** | CE / RoHS | Meets EU safety and environmental standards |
---
### 2. Key Electronic Features
#### A. Power Handling
The "56" in the model number generally denotes a **56-Watt** power rating. This indicates the component is designed to handle significant thermal loads, often found in base station amplifiers or transmitter circuits.
#### B. Frequency Response
Designed for **microwave and radio frequency (RF)** applications. It maintains a low Voltage Standing Wave Ratio (VSWR), ensuring minimal signal reflection and maximum power transfer across its operational bandwidth.
#### C. Thermal Management
The "CE" suffix and physical design usually incorporate a ceramic substrate (such as Beryllium Oxide or Aluminum Nitride). This allows for efficient heat dissipation from the resistive element to the heat sink or PCB.
---
### 3. Common Applications
* **Radio Transmitters:** Used as a dummy load or part of an isolator circuit.
* **Telecommunications:** Integral in 4G/5G base station power amplifiers.
* **Signal Processing:** Utilized in power dividers to split signals while maintaining impedance matching.
* **Testing:** Used as a precision termination for RF testing equipment.
---
### 4. Part Number Breakdown (Example Logic)
* **M2:** Often denotes a series or physical package size.
* **RT:** Resistor/Termination type.
* **56:** 56-Watt power capacity.
* **R:** Resistor configuration.
* **CE:** Compliance certification (Conformité Européenne).
- ⤷
What is the maximum operating temperature for the M2RT-56-R/CE?
- ⤷ Does this component require an external heat sink for full 56W operation?
- ⤷ Can this part be used in 5G mmWave applications above 24GHz?