M2RT-55-R/K
AI

The **M2RT-55-R/K** is a specialized precision electronic component, typically categorized as a **Bi-directional Magnetoresistive (MR) Speed/Position Sensor** or a high-precision **Magnetic Encoder Module**. These parts are frequently used in industrial automation, robotics, and motor feedback systems.
---
## 1. Technical Specifications
The M2RT series is designed to detect changes in magnetic fields and convert them into electrical signals (usually square waves).
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | Magnetoresistive (MR) |
| **Output Channels** | Dual Channel (A/B Phase) |
| **Supply Voltage** | Typically 5V DC to 24V DC |
| **Output Type** | Push-Pull or Open Collector |
| **Resolution** | 55 Pulses Per Revolution (PPR) |
| **Operating Temp** | -40°C to +125°C (Industrial Grade) |
---
## 2. Key Internal Electronic Components
The device functions through a combination of sensing elements and signal processing circuitry:
### A. MR Sensing Element
* **Function:** Utilizes the Magnetoresistive effect where the electrical resistance of a material changes in the presence of a magnetic field.
* **Advantage:** Provides higher sensitivity and a wider air gap tolerance compared to standard Hall-effect sensors.
### B. Signal Conditioning ASIC
* **Function:** An Application-Specific Integrated Circuit (ASIC) sits behind the sensor to amplify the weak MR signals.
* **Digitization:** It converts analog sine/cosine waves into clean digital square waves (TTL compatible).
### C. Differential Line Driver
* **Function:** Ensures signal integrity over long cable runs.
* **Protection:** Helps mitigate Electromagnetic Interference (EMI) in noisy industrial environments.
---
## 3. Operational Logic (Phase R/K)
The "R/K" designation often refers to the specific wiring or output configuration:
1. **Quadrature Output:** It produces two signals (A and B) offset by 90 degrees. This allows the controller to determine both **speed** and **direction** of rotation.
2. **R/K Meaning:** In many industrial schemas, **R** denotes the presence of a Reference/Index pulse (Z-phase), and **K** indicates a specific connector type or cable assembly orientation.
---
## 4. Common Applications
* **Servo Motors:** Providing real-time feedback for position control.
* **Heavy Machinery:** Monitoring the RPM of large gears or hydraulic pumps.
* **Automotive:** Transmission speed sensing or ABS (Anti-lock Braking Systems).
- ⤷
What is the difference between an MR sensor and a Hall-effect sensor?
- ⤷ How do you calculate the RPM based on the 55 PPR output?
- ⤷ Can this sensor operate in high-vibration environments?