công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RT-44-R2/CE

  • AI
    The **M2RT-44-R2/CE** is a high-precision, industrial-grade thermal relay (or monitoring relay) typically manufactured by brands like **Microlectra** or used within specific modular automation systems. It is designed to monitor and protect electrical systems against temperature fluctuations or phase-related issues. --- ### 1. Technical Specifications Overview The following table outlines the primary electronic and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Model Series** | M2RT (Modular Monitoring Series) | | **Input Channels** | 4-Channel (Standard for the -44 suffix) | | **Output Type** | Relay Contacts (SPDT/DPDT depending on wiring) | | **Contact Rating** | Usually 5A to 8A at 250VAC | | **Mounting** | DIN Rail (35mm) | | **Supply Voltage** | Multi-voltage (e.g., 24V AC/DC or 110-240V AC) | | **Compliance** | CE (Conformité Européenne) | --- ### 2. Core Electronic Components The internal architecture of the M2RT-44-R2/CE consists of several key stages: #### A. Sensing Interface * **PT100/Thermistor Inputs:** The device is designed to interface with temperature sensors. It converts analog resistance changes into digital signals. * **Signal Isolation:** Optocouplers are often used to ensure that the sensor inputs are electrically isolated from the power supply and output relays to prevent interference. #### B. Logic & Processing * **Microcontroller (MCU):** The "brain" of the unit. It compares the real-time sensor data against the user-defined setpoints (thresholds). * **Hysteresis Control:** Integrated logic prevents "relay chatter" (rapid switching) by ensuring the temperature must drop a certain amount below the limit before resetting. #### C. Output Stage * **Electromechanical Relays:** The "R2" designation typically indicates **two relay outputs**. These act as physical switches to trigger alarms or cut power to a motor/heater. * **LED Indicators:** Status LEDs on the front panel provide visual feedback on "Power," "Alarm State," and "Channel Status." --- ### 3. Primary Functions The device serves three main purposes in an electronic circuit: 1. **Over-temperature Protection:** Monitors windings in motors or transformers to prevent burnout. 2. **Differential Monitoring:** Comparing temperatures between different points in a system. 3. **Fail-safe Operation:** The relays are often configured to be "Normally Energized" so that if the unit loses power, the system automatically trips (Fail-Safe). --- ### 4. Wiring and Installation When integrating this part into a control cabinet: * **Terminals 1-2:** Usually reserved for the auxiliary power supply. * **Sensor Terminals:** Polarity-sensitive connections for RTDs or thermocouples. * **Relay Terminals:** Common (C), Normally Open (NO), and Normally Closed (NC) contacts used to interrupt the control circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the specific temperature range supported by the M2RT-44-R2/CE?
    • ⤷ How do I calibrate the setpoints on this specific relay model?
    • ⤷ Can this relay be used for phase sequence monitoring in addition to temperature?