M2RT-3A-R/BL
AI

The **M2RT-3A-R/BL** is a specific model of a **Miniature Toggle Switch**, typically manufactured by companies like NKK Switches or similar industrial component providers. Below is a breakdown of its electronic and physical specifications.
---
### 1. Component Identification
This part belongs to the **M2 series**, known for being process-sealed, subminiature toggle switches designed for PC board mounting.
| Feature | Specification |
| :--- | :--- |
| **Series** | M2 Series (Process Sealed) |
| **Circuit** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-OFF-ON (Three-position) |
| **Actuator Style** | Standard Lever (3A denotes short lever) |
| **Terminal Type** | Right Angle PC Mount |
| **Color/Material** | Black (BL suffix often refers to the bushing or lever color) |
---
### 2. Electrical Characteristics
These parameters define the limits within which the switch can operate safely.
* **Contact Rating:** Generally rated for low logic level applications.
* *Max:* 0.4VA max @ 28V AC/DC.
* **Contact Resistance:** 20 milliohms maximum.
* **Insulation Resistance:** 1,000 megohms minimum @ 500V DC.
* **Dielectric Strength:** 500V AC minimum for at least one minute.
* **Mechanical Life:** Typically 100,000 operations.
---
### 3. Key Physical Features
* **Process Sealed:** The "M2" designation usually implies the switch is sealed with an O-ring and epoxy. This allows the component to undergo automated wave soldering and cleaning (washing) without internal contamination.
* **Right Angle Mounting:** The "R" in the part number indicates a right-angle orientation, meaning the toggle moves parallel to the PCB surface while the pins are soldered vertically into the board.
* **Double Pole Double Throw (DPDT):** It controls two separate circuits, allowing for complex switching logic (e.g., reversing motor direction or switching between two different signal paths).
---
### 4. Circuit Diagram Representation
The **ON-OFF-ON** configuration works as follows:
```text
Position 1 (Left): Pins 2-1 and 5-4 connected
Position 2 (Center): All pins disconnected (OFF)
Position 3 (Right): Pins 2-3 and 5-6 connected
```
---
- ⤷
What are the specific soldering temperature limits for the M2 series?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ How does the 'R' suffix change the physical layout compared to a standard vertical mount?