AI

## Analysis of the M2RT-34-R/CE Rotary Switch
The **M2RT-34-R/CE** is a high-precision rotary switch typically manufactured by companies like **Nidec Components (formerly Copal Electronics)**. It belongs to the M2 series of sub-miniature, high-reliability switches designed for PCB mounting.
### 1. Technical Specifications
The following table summarizes the key electronic and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Rotary Switch (Sub-miniature) |
| **Number of Positions** | 4 Positions |
| **Number of Poles** | 3 Poles |
| **Switching Timing** | Non-shorting (Break-before-make) |
| **Contact Rating** | 0.4 VA max. @ 28V AC/DC |
| **Contact Resistance** | 100 mΩ maximum |
| **Insulation Resistance** | 500 MΩ minimum @ 250V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Temperature** | -25°C to +70°C |
| **Washable** | Process sealed (can withstand cleaning) |
---
### 2. Part Number Breakdown
The suffix and prefix provide specific information about the construction:
* **M2**: Series designation (Micro-miniature).
* **RT**: Rotary type switch.
* **34**: Indicates the configuration (3 Poles, 4 Positions).
* **R**: Indicates the actuator style (usually a Screwdriver slot or Shaft).
* **CE**: Often refers to "Copal Electronics" branding or specific RoHS/Standard compliance markers.
---
### 3. Key Electronic Features
* **Gold-Plated Contacts:** Most switches in this series utilize gold plating to ensure high reliability and low contact resistance, even when switching low-current signals (dry circuits).
* **Process Sealed:** The "CE" and "R" versions are generally sealed with an O-ring or epoxy. This allows the part to be subjected to wave soldering and subsequent board washing without ingress of flux or cleaning agents.
* **Compact Footprint:** Designed for high-density PCB layouts where space is a premium. It features standard terminal spacing for through-hole mounting.
### 4. Circuit Diagram Representation
The electrical logic for a 3-Pole, 4-Position switch is represented as follows:
```text
Pole A: [Common A] connects to [A1, A2, A3, or A4]
Pole B: [Common B] connects to [B1, B2, B3, or B4]
Pole C: [Common C] connects to [C1, C2, C3, or C4]
```
*Rotation moves all three poles simultaneously to their respective next position.*
---
- ⤷
What are the recommended soldering temperatures for this switch?
- ⤷ Can this switch be used for power applications above 1 Amp?
- ⤷ What is the mechanical life expectancy (number of cycles) for the M2RT series?