M2RT-0A-R/CE
AI

The **M2RT-0A-R/CE** is a high-performance **Signal Conditioner** (specifically an Isolator) manufactured by **M-System**. It is part of the Mini-M series, designed to isolate and convert DC input signals into standard DC output signals.
---
### 1. Key Technical Specifications
The model number breakdown provides specific details about its electronic characteristics:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Model** | M2RT | Two-wire Transmitter (Isolator) |
| **Input Signal** | 0 | 4 to 20 mA DC |
| **Output Signal** | A | 4 to 20 mA DC |
| **Power Supply** | R | 24V DC |
| **Standards** | CE | Conformité Européenne (CE Marking) |
---
### 2. Electronic Components & Functionality
This device functions as a **Galvanic Isolator**. Its primary electronic purpose is to break the electrical path between the input source and the output receiver to prevent ground loops.
#### A. Input Stage
* **Current Sensing:** The device accepts a standard industrial 4-20mA current loop.
* **Protection:** Includes surge protection and polarity protection to prevent damage from incorrect wiring.
#### B. Isolation Barrier
* **Transformer Isolation:** It uses high-frequency transformer coupling to transfer the signal across an isolation barrier.
* **Dielectric Strength:** Usually provides 2000V AC isolation for 1 minute between the input, output, and power terminals.
#### C. Output & Filtering
* **Signal Processing:** The internal circuitry ensures high linearity (typically ±0.1%) and low temperature drift.
* **Response Time:** Optimized for fast reaction (typically ≤ 0.5 seconds for 0–90% response).
---
### 3. Physical & Installation Features
* **Construction:** Housed in a flame-resistant black resin case.
* **Mounting:** Designed for DIN rail mounting (35mm).
* **Connection:** Utilizes M3 screw terminals for secure industrial wiring.
* **Status Indicator:** Typically features a power LED to indicate the operational status of the 24V DC supply.
---
### 4. Summary Table
| Feature | Specification |
| :--- | :--- |
| **Input Impedance** | Approx. 250 Ω |
| **Load Resistance** | 600 Ω maximum |
| **Isolation** | Input to output to power |
| **Accuracy** | ±0.1% of span |
| **Operating Temp** | -5 to +55°C |
- ⤷What is the difference between this and a loop-powered isolator?
- ⤷ How do I wire the 24V DC power supply to this specific model?
- ⤷ Can this module be used for signal splitting?