M2RT-00-R/CE
AI

The **M2RT-00-R/CE** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Magnetic Reed Switch**, often utilized in industrial automation and pneumatic cylinder position sensing.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The M2RT series is designed to detect the presence of a magnetic field (usually from a piston inside a cylinder) and close an electrical circuit.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Reed Switch (SPST - Single Pole Single Throw) |
| **Operating Voltage** | 5V to 240V AC/DC |
| **Switching Current** | 100mA Max |
| **Switching Rating** | 10W Max |
| **Voltage Drop** | 2.5V Max |
| **Indicator** | Red LED (Standard for 'R' models) |
| **Protection Class** | IP67 (Dust tight and water immersion) |
| **Temperature Range** | -10°C to +70°C |
---
### 2. Internal Electronic Components
The device consists of three primary internal stages:
1. **The Reed Element:** Two ferromagnetic blades hermetically sealed in a glass envelope. When a magnet approaches, the blades become opposite poles and pull together, completing the circuit.
2. **LED Indicator Circuit:** A small Light Emitting Diode connected in series (or parallel with a resistor) that illuminates when the circuit is closed, providing visual feedback for troubleshooting.
3. **Protection Circuitry:** Usually includes a varistor or a diode to protect the reed contacts from "arcing" or back-EMF when switching inductive loads (like small relays).
---
### 3. Wiring Configuration
The "00" in the part number usually refers to a specific lead wire configuration (typically a 2-wire setup).
```mermaid
[Power Source (+)] ---- [Brown Wire] ---- (M2RT Sensor) ---- [Blue Wire] ---- [Load/PLC Input] ---- [Power Source (-)]
```
* **Brown Wire:** Positive (+) / Line
* **Blue Wire:** Negative (-) / Neutral
* **Note:** Since it is a 2-wire Reed switch, it does not have a dedicated ground and must be wired in series with the load.
---
### 4. Key Applications
* **Pneumatic Cylinders:** Mounted on the "T-slot" of a cylinder to detect when the piston has reached its end-of-stroke.
* **Safety Interlocks:** Detecting if a protective gate (with a magnet attached) is closed.
* **Pulse Counting:** Measuring the speed of a rotating shaft equipped with a magnet.
---
- ⤷
What is the difference between a Reed switch and a Solid State (Hall Effect) sensor?
- ⤷ How do I wire this sensor to a PLC input module?
- ⤷ What precautions should be taken when switching inductive loads with this sensor?