công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS1-CE-R/BL

  • AI
    The **M2RS1-CE-R/BL** is a specialized electronic component commonly used in industrial automation, specifically within the category of **Interface Modules** or **Signal Converters**. It is often associated with the **M-System** (now MG CO., LTD) M2 Series. --- ## 1. Component Overview This device is a **Plug-in RTD Transmitter**. Its primary function is to take a signal from a Resistance Temperature Detector (RTD) and convert it into a standard analog process signal (like 4-20mA or 0-10V) that a PLC or DCS can understand. ### Key Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Plug-in type) | | **Input Type** | RTD (Pt100, Pt50, JPt100, etc.) | | **Output Type** | DC Voltage or Current (Configurable) | | **Power Input** | Typically 100–240V AC or 24V DC (Model dependent) | | **Isolation** | 3-way isolation (Input, Output, Power) | --- ## 2. Technical Feature Analysis The suffix codes (`-CE-R/BL`) provide specific information regarding the hardware configuration: ### A. The "CE" Designation Indicates that the unit complies with **CE Marking** requirements. This means the internal electronics meet European safety, health, and environmental protection standards, including EMC (Electromagnetic Compatibility) directives to prevent signal interference. ### B. The "R" Designation (Power Supply) In the M2 series nomenclature, the "R" usually refers to the **Power Input** voltage: * **R:** 24V DC power supply. * *Note: If it were "M2", it would typically denote 100-240V AC.* ### C. The "/BL" Designation (Burnout Option) The **BL** suffix stands for **Burnout Lower**. * **Function:** In the event of a sensor failure (e.g., a broken wire in the RTD), the output signal will automatically drop to the "Downscale" limit (e.g., below 4mA). * **Purpose:** This alerts the control system that there is a hardware fault rather than a high-temperature reading. --- ## 3. Block Diagram Logic The internal electronic architecture follows this logical flow: ```mermaid graph LR A[RTD Input] --> B[Linearization Circuit] B --> C[Isolation Transformer] C --> D[Signal Conditioning] D --> E[Analog Output] F[24V DC Power] --> C ``` 1. **Input Stage:** Measures the resistance of the RTD using a constant current source. 2. **Linearization:** Since RTD resistance changes are not perfectly linear with temperature, the electronics compensate for this curve. 3. **Isolation:** Uses optical or magnetic coupling to prevent electrical noise from the field (Input) from damaging the controller (Output). 4. **Output Stage:** Converts the processed signal into the final desired range (e.g., 1-5V DC). --- ## 4. Typical Applications * **Process Control:** Converting temperature data from a chemical tank into a signal for a PLC. * **HVAC Systems:** Monitoring large-scale boiler temperatures. * **Data Logging:** Standardizing various sensor inputs into a single format for industrial recorders.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero and span on an M2RS1 module?
    • ⤷ What is the difference between Burnout Upper (/BU) and Burnout Lower (/BL)?
    • ⤷ Can this module support 3-wire and 4-wire RTD configurations?