công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS1-01-R2

  • AI
    The **M2RS1-01-R2** is a specific part number typically associated with high-performance **solid-state relays (SSRs)** or industrial control modules, often manufactured by companies like *IDEC* or specific motion control specialists. Below is a breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications The device is designed as an interface module to bridge low-power control signals with high-power industrial loads. | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Module | | **Mounting Style** | DIN Rail Mount (Standard 35mm) | | **Input Voltage** | Typically 24V DC (Control Side) | | **Switching Voltage** | Up to 250V AC or 30V DC (Load Side) | | **Current Rating** | Usually rated for 1A to 6A depending on ambient temperature | | **Isolation** | Opto-coupling for electrical noise immunity | --- ### 2. Key Electronic Components Internally, the M2RS1-01-R2 consists of several critical stages to ensure safe and efficient switching: * **Optoisolator:** This is the core safety feature. It uses light to transfer the signal from the input to the output, ensuring that a surge on the high-voltage side does not destroy the PLC or microcontroller on the low-voltage side. * **Status LED:** An integrated Light Emitting Diode provides immediate visual feedback on the logic state (ON/OFF). * **Snubber Circuit:** Contains resistors and capacitors (RC circuit) to protect the internal switching element from voltage spikes caused by inductive loads (like motors or solenoids). * **Output Switching Element:** Depending on the specific sub-model, it uses a **TRIAC** (for AC loads) or a **MOSFET/Transistor** (for DC loads). --- ### 3. Connection Pinout While exact wiring should follow the manufacturer's datasheet, the general configuration is as follows: ```yaml Input Side (Control): - A1 (+): Positive Control Signal (e.g., from PLC) - A2 (-): Common/Ground Output Side (Load): - 11 (Common): Supply Power for Load - 14 (NO): Normally Open Contact to Load ``` --- ### 4. Typical Applications * **PLC Interfacing:** Converting thin wire PLC outputs to drive heavy industrial contactors. * **Signal Isolation:** Protecting sensitive electronics from "noisy" industrial environments. * **High-Speed Switching:** Unlike mechanical relays, these electronic parts have no moving parts, allowing for millions of cycles without wear. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this module?
    • ⤷ Can this part be used for PWM (Pulse Width Modulation) control?
    • ⤷ What are the specific thermal considerations for the R2 version?