công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS-CZ-R2/BL

  • AI
    The **M2RS-CZ-R2/BL** is a specialized electronic component, typically identified as a **high-precision signal conditioner** or **transducer** within the M2RS series (often manufactured by companies like M-System). These devices are used in industrial automation to convert or isolate analog signals. --- ### 1. Key Technical Specifications Based on the model nomenclature, here are the primary electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Signal Conditioner / Isolator | | **Input Signal** | RTD (Resistance Temperature Detector) - Pt100 or similar | | **Output Signal** | Relay Contact (often used for alarms or limit switching) | | **Power Input** | Typically 100–240V AC or 24V DC (Model dependent) | | **Mounting** | DIN Rail Mounting | | **Enclosure** | Plug-in style base for easy maintenance | --- ### 2. Breakdown of Model Suffixes The alphanumeric code provides specific details about the electronic hardware configuration: * **M2RS**: The series name (Mini-M Series). These are characterized by their compact size and plug-in base design. * **CZ**: Often designates a specific input type, such as a **Potentiometer** or specific **Resistance** input. * **R2**: Indicates the output type. In this series, "R2" usually refers to a **Dual Relay Output** (Two independent SPDT contacts). * **BL**: This usually indicates the "Burnout" protection setting (e.g., Downscale or Upscale protection) or a specific wiring/color configuration (Blue label). --- ### 3. Internal Electronic Architecture The device functions through several internal stages: 1. **Input Conditioning:** The resistance from the sensor is measured using a constant current bridge circuit. 2. **Isolation:** High-frequency transformers or opto-couplers provide galvanic isolation between the input, output, and power supply (typically 2000V AC). 3. **Comparator/Logic:** A microprocessor or analog comparator evaluates the signal against a setpoint. 4. **Relay Drivers:** Transistors actuate the electromagnetic relays (the "R2" part) to open or close mechanical contacts. --- ### 4. Typical Applications * **Temperature Monitoring:** Triggering an alarm if a motor winding or liquid tank exceeds a specific temperature. * **Signal Isolation:** Preventing ground loops from damaging expensive PLCs (Programmable Logic Controllers). * **Limit Control:** Using a potentiometer to set physical limits on machinery that then triggers a stop via the relay. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input range for the CZ variant of this module?
    • ⤷ How do you calibrate the setpoints for the R2 relay outputs?
    • ⤷ Does this model support 24V DC power supply specifically?