M2RS-CZ-R/CE
AI

The **M2RS-CZ-R/CE** is a high-performance, plug-in type signal conditioner (specifically a RTD transmitter) manufactured by **M-System**. It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standard DC output signal.
---
### 1. Key Technical Specifications
The "R/CE" suffix typically denotes specific power requirements and CE marking compliance for the European market.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | M2RS (Ultra-Slim Signal Conditioner) |
| **Input Signal** | RTD (e.g., Pt100, JPt100, Pt50) |
| **Output Signal** | Configurable DC (e.g., 4-20mA, 0-10V) |
| **Power Input** | 24V DC (Standard for 'R' designation) |
| **Construction** | Plug-in base socket mount |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
---
### 2. Internal Electronic Architecture
The device consists of several critical electronic stages to ensure signal integrity:
1. **Input Conditioning Bridge:** Measures the resistance change from the RTD. It utilizes a constant current source to prevent self-heating errors in the sensor.
2. **Linearization Circuit:** RTDs are inherently non-linear. The M2RS uses internal circuitry (analog or microprocessor-based depending on the revision) to linearize the resistance-to-temperature curve.
3. **Isolation Barrier:** Uses optical or magnetic coupling to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
4. **Output Driver:** A precision operational amplifier stage that converts the processed signal into the final 4-20mA or voltage output.
---
### 3. Connection Diagram (General)
The unit typically uses a 1:1 base socket. Below is a simplified representation of the wiring logic:
```text
[ Power ] --------> Pins 7 (+) & 8 (-) (24V DC)
[ Input ] --------> Pins 1, 2, & 3 (3-wire RTD)
[ Output] --------> Pins 4 (+) & 5 (-) (Process Signal)
```
---
### 4. Application Use Cases
* **Industrial Temperature Control:** Converting PT100 furnace probes into signals for PLC inputs.
* **Noise Mitigation:** Using the 3-way isolation to clean up signals in environments with heavy motor interference.
* **Signal Standardizing:** Converting various RTD types into a uniform 4-20mA loop for long-distance transmission.
- ⤷What are the specific wiring differences between a 2-wire and 3-wire RTD for this model?
- ⤷ How do I calibrate the Zero and Span on the M2RS-CZ-R/CE?
- ⤷ Is this model compatible with 110V AC power supply?