công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS-6B-R/N

  • AI
    The **M2RS-6B-R/N** is a specific model within the **M2RS Series** of plug-in type signal conditioners (transmitters) manufactured by **M-System**. This device is primarily used in industrial automation to convert a DC input signal into a standard isolated DC output signal. --- ### 1. Model Selection Breakdown The alphanumeric code identifies the specific electrical characteristics of the unit: | Code Segment | Description | Specific Value | | :--- | :--- | :--- | | **M2RS** | Model Series | Ultra-slim Signal Conditioner | | **6B** | Input Type | **1 – 5V DC** (High impedance) | | **R** | Output Type | **4 – 20mA DC** (Current output) | | **N** | Power Input | **100 – 240V AC** (Universal AC) | --- ### 2. Key Electronic Specifications The internal circuitry is designed for precision and signal integrity in noisy environments. #### Input & Output * **Input Impedance:** Typically $\ge 1 M\Omega$ for the 1-5V range. * **Output Load Resistance:** Maximum $750 \Omega$ for the 4-20mA loop. * **Accuracy:** $\pm 0.1\%$ of span. * **Temperature Coefficient:** $\pm 0.015\%$ / °C. #### Isolation Structure The device utilizes **3-way isolation**. This means the following three circuits are electrically separated from each other: 1. **Input Circuit** 2. **Output Circuit** 3. **Power Supply Circuit** * *Dielectric Strength:* 2000V AC @ 1 minute. --- ### 3. Physical Components & Design * **Housing:** Flame-resistant black resin. * **LED Indicators:** Usually includes a "Power" LED to indicate the internal DC-DC converter is functioning. * **Adjustments:** Front-facing **ZERO** and **SPAN** potentiometers (trimmers) used for fine-tuning the output to ensure a perfect 4mA or 20mA match. * **Connection:** Uses a socket-mounted design (typically an 11-pin base) allowing for "hot-swapping" without rewiring the base. --- ### 4. Circuit Functionality 1. **Signal Conditioning:** The 1-5V input is filtered to remove high-frequency noise. 2. **Isolation:** The signal is modulated (often via an optocoupler or transformer) to bridge the isolation barrier. 3. **Conversion:** The internal electronics translate the voltage ratio into a proportional current loop (4-20mA). 4. **Regulation:** The power supply section (100-240V AC) uses a switching regulator to provide stable internal DC voltages. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ How do I perform a Zero/Span calibration on this specific model?
    • ⤷ Can this unit be mounted on a standard DIN rail?