công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS-5D-R/UL

  • AI
    The **M2RS-5D-R/UL** is a specific model of a **Miniature Industrial Power Relay**, typically manufactured by companies like **IDEK** or **IDEC** (often part of the RJ/RU/RV series ecosystem, specifically the **RJ series**). This component acts as an electrically operated switch, allowing a low-power signal to control a much higher power circuit. --- ### 1. Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | RJ Series (Miniature Slim Power Relay) | | **Coil Voltage** | 5V DC | | **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw | | **Mounting Type** | Plug-in (typically for DIN rail sockets) | | **Contact Rating** | 8A at 250V AC / 30V DC | | **Certifications** | UL Recognized, CSA, VDE (indicated by /UL suffix) | | **Indicator** | Includes a built-in LED indicator (R denotes "Red" or "Registered Indicator") | --- ### 2. Breakdown of the Model Code To understand the electronic nature of the part, we can deconstruct the alphanumeric code: * **M2RS**: Usually identifies the series and mechanical footprint (Miniature, 2-pole). * **5D**: Indicates the **Coil Input**. In this case, it requires **5 Volts Direct Current (DC)** to energize the electromagnet. * **R**: Represents a **Bi-polar LED indicator**. This is an electronic feature that lights up when the coil is energized, helping technicians troubleshoot. * **UL**: Signifies that the part meets **Underwriters Laboratories** safety standards for the North American market. --- ### 3. Internal Electronic Components Inside the housing, the relay consists of four primary electronic/mechanical sections: 1. **The Coil (Input Side):** A copper wire winding that creates a magnetic field when 5V DC is applied. 2. **The Armature:** A moving piece that is pulled by the magnetic field. 3. **The Contacts (Output Side):** Made of Silver Nickel (AgNi) alloy for high conductivity and resistance to "pitting" or arcing. 4. **Protection Diode (Optional/Contextual):** While not always built-in unless specified, many 5V relays are used with a flyback diode to prevent voltage spikes from damaging the driving microcontroller. --- ### 4. Typical Applications Because this relay operates on a **5V DC coil**, it is highly compatible with digital electronics: * **Microcontroller Projects:** Interfacing Arduino or Raspberry Pi outputs with AC motors or heaters. * **PLC Systems:** Using a programmable logic controller to trigger high-current industrial actuators. * **Signal Switching:** Since it is a **DPDT** relay, it can switch two separate circuits simultaneously (e.g., switching both the positive and negative lines of a load).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M2RS-5D-R/UL?
    • ⤷ What type of socket is required for mounting this relay on a DIN rail?
    • ⤷ Does this relay include a flyback diode for back-EMF protection?