AI

The **M2RS-56-R2** is a high-performance, 2-phase hybrid bipolar stepper motor integrated with a high-resolution encoder. It is designed for precision motion control applications where closed-loop feedback is required to prevent position loss.
---
## 1. Core Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of the M2RS-56-R2:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | 2-Phase Hybrid Bipolar Stepper |
| **Frame Size** | NEMA 23 (56mm) |
| **Step Angle** | 1.8° (Full Step) |
| **Holding Torque** | 2.0 Nm (approx. 283 oz-in) |
| **Rated Current** | 4.0 A to 5.0 A |
| **Phase Resistance** | ~0.45 Ω |
| **Phase Inductance** | ~1.8 mH |
| **Encoder Resolution** | 1000 lines (4000 counts/rev with quadrature) |
---
## 2. Key Electronic Components
### A. The Stepper Motor Section
The motor utilizes a **hybrid design**, combining the features of Variable Reluctance and Permanent Magnet motors.
* **Stator/Rotor:** Multi-toothed structure made of laminated silicon steel to reduce eddy current losses.
* **Phase Windings:** Bipolar configuration (4 wires), allowing for higher torque at low speeds compared to unipolar motors.
### B. The Integrated Encoder
The "R2" suffix typically denotes the inclusion of a high-resolution rotary encoder mounted on the rear shaft.
* **Feedback Type:** Incremental Optical or Magnetic Encoder.
* **Signals:** Provides A, B, and Index (Z) channels.
* **Differential Output:** Usually supports RS422 differential signals (A+, A-, B+, B-) to minimize electromagnetic interference (EMI) in industrial environments.
---
## 3. Wiring and Connectivity
The M2RS-56-R2 typically features two separate connectors or lead sets:
### Motor Power (4-Pin)
| Color | Phase |
| :--- | :--- |
| **Black** | A+ |
| **Green** | A- |
| **Red** | B+ |
| **Blue** | B- |
### Encoder Signal (Standard DB15 or Lead Wires)
Includes wires for **VCC (+5V)**, **GND**, and the differential signal pairs (**A/B/Z**).
---
## 4. Application Context
To operate this part effectively, it must be paired with a **Closed-Loop Stepper Driver** (such as the Leadshine CL or M5 series). The driver uses the encoder data to:
1. **Eliminate Stall:** It adjusts current in real-time to ensure the motor never loses steps.
2. **Reduce Heat:** It only applies the current necessary to move the load, rather than constant maximum current.
3. **Improve Smoothness:** Reduces resonance issues common in open-loop systems.
- ⤷
What are the compatible motor drivers for the M2RS-56-R2?
- ⤷ How do I wire the encoder to a PLC or motion controller?
- ⤷ What is the difference between the R2 and R1 versions of this motor?