M2RS-4F-R/BL
AI

The **M2RS-4F-R/BL** is a high-performance **Industrial Solid State Relay (SSR)** module, typically used in automated control systems and PLC (Programmable Logic Controller) interfacing. It is designed for high-frequency switching and long-term durability compared to traditional mechanical relays.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Relay Output (Contact) / SSR |
| **Channels** | 4-Channel (Independent) |
| **Input Voltage** | Typically 24V DC |
| **Switching Voltage** | Up to 250V AC / 30V DC |
| **Rated Current** | 5A per channel (variable by load type) |
| **Mounting** | DIN Rail Mounting |
| **Indicator** | Blue LED Status Indicators |
---
### 2. Core Electronic Components & Functions
The module is comprised of several critical electronic sections that ensure safe and efficient operation:
#### A. Input Circuit (Control Side)
* **Optoisolators:** The input signal is electrically isolated from the output using an internal photocoupler. This protects the PLC or controller from surges on the high-voltage load side.
* **LED Status Indicators (BL):** The "BL" in the suffix usually refers to the **Blue LED** indicators. These light up when the input signal is active, allowing for quick visual diagnostics.
* **Polarity Protection:** Usually includes diodes to prevent damage if the input DC wiring is reversed.
#### B. Switching Elements
* **Electromechanical or Solid State Relays:** Depending on the specific sub-model, it uses high-quality miniature relays. These are responsible for opening and closing the circuit for the connected load.
* **Contact Material:** Often uses Silver Alloy contacts to reduce electrical resistance and prevent "pitting" or welding during high-current switching.
#### C. Protection Features
* **Varistors (MOVs):** Integrated to absorb voltage spikes (transients) from inductive loads like motors or solenoids.
* **Freewheeling Diodes:** Protects the internal switching transistors from back-EMF (Electromotive Force) when the coil is de-energized.
---
### 3. Connection Pinout Overview
| Pin/Terminal | Function | Description |
| :--- | :--- | :--- |
| **IN 1-4** | Control Input | Receives 24V signal from the PLC |
| **COM** | Common Input | Ground or Common Return for control signals |
| **NO (Normally Open)** | Output Contact | Closes when the signal is received |
| **C (Common Output)** | Load Return | The shared point for the output load |
---
### 4. Advantages of this Module
1. **Compact Design:** The slim 4-channel form factor saves significant space on the DIN rail inside electrical cabinets.
2. **Ease of Maintenance:** Many models feature "Plug-in" relays, allowing you to replace a single faulty relay without rewiring the entire terminal block.
3. **Visual Monitoring:** The Blue LED allows technicians to see at a glance which outputs are firing during debugging.
- ⤷
What is the difference between the 'R' and 'SSR' versions of this module?
- ⤷ Can this relay be used to control a 3-phase motor directly?
- ⤷ How do I replace an individual relay unit on the M2RS-4F-R/BL?