M2RS-45-R
AI

The **M2RS-45-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Jack** or an **RJ45 Connector**. These parts are foundational in telecommunications and networking hardware.
---
### 1. Key Technical Specifications
The part number generally follows a standard industry naming convention for modular connectors.
| Specification | Details |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Profile** | Low Profile (Reduced height for slim PCBs) |
| **Shielding** | Usually Unshielded (depending on specific manufacturer suffix) |
| **Contact Plating** | Gold over Nickel (typically 6u" to 50u") |
---
### 2. Physical Design Features
The "45" in the part number usually refers to the **RJ45 standard**, while the "R" often signifies **Tape & Reel** packaging for automated pick-and-place assembly.
* **Solder Pads:** Designed with flat leads that sit on the surface of the PCB, allowing for soldering on only one side of the board.
* **Alignment Pegs:** Often includes plastic posts on the bottom to ensure the connector is perfectly centered before reflow soldering.
* **Housing Material:** High-temperature thermoplastic (e.g., LCP or PA9T) capable of withstanding the heat of infrared (IR) reflow ovens.
---
### 3. Application Use Cases
Because of its low-profile and surface-mount nature, this part is used in space-constrained electronics:
1. **Networking Gear:** Compact routers, switches, and access points.
2. **Industrial Automation:** PLCs (Programmable Logic Controllers) and I/O modules.
3. **IoT Devices:** Smart home hubs that require Ethernet connectivity in a small form factor.
4. **Embedded Systems:** Single-board computers (SBCs) where height is a primary constraint.
---
### 4. Circuit Implementation
When integrating the M2RS-45-R into a schematic, consider the following electrical requirements:
```cpp
// Typical Electrical Ratings
Max_Voltage: 125V AC;
Max_Current: 1.5A per contact;
Dielectric_Strength: 1000V AC (RMS);
Insulation_Resistance: >500M Ohms;
```
*Note: As an RJ45 connector, it does not contain active electronics or integrated magnetics (MagJack) unless specified by a variation in the prefix. It acts as a passive physical interface.*
---
- ⤷
What is the footprint difference between SMT and Through-Hole RJ45 connectors?
- ⤷ Does the M2RS-45-R support Power over Ethernet (PoE)?
- ⤷ What are the recommended reflow temperature profiles for this component?