M2RS-41-R/N
AI

The **M2RS-41-R/N** is a specific model within a series of industrial magnetic proximity sensors (often associated with brands like **Mageut** or similar industrial component manufacturers). These sensors are primarily used for non-contact position detection in automation.
---
### 1. Technical Specifications
The part number typically breaks down into the following electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Sensor Type** | Magnetic Proximity | Operates via magnetic field detection. |
| **Output Type** | NPN / NO | Normally Open (NO) with NPN transistor output. |
| **Operating Voltage** | 5V - 240V DC/AC | Wide range depending on the specific internal reed or Hall circuit. |
| **Switching Current** | ~100mA Max | Suitable for signaling PLC inputs or small relays. |
| **Response Time** | < 1ms | High-speed electronic switching. |
| **Indicator** | Red LED | Integrated visual status indicator. |
---
### 2. Core Electronic Components
The internal architecture of the M2RS-41-R/N usually consists of three main stages:
#### A. Sensing Element
The device contains either a **Reed Switch** (mechanical leaves that close in a magnetic field) or a **Hall Effect Sensor** (semiconductor that changes voltage). Given the "R" in the part number, it often refers to a **Reed** type, which allows for both AC and DC operation.
#### B. Protection Circuit
To prevent damage from back-EMF (electromotive force) when switching inductive loads like relay coils, it often includes:
* **Zener Diode:** For voltage clamping.
* **Varistor:** For surge protection (in AC models).
#### C. Interface & LED
The **LED** is wired in series with a current-limiting resistor. In an NPN configuration:
* The load is connected between the positive supply and the signal wire.
* When the magnet is present, the sensor pulls the signal wire to **Ground (0V)**.
---
### 3. Wiring Configuration
The device generally follows the standard industrial color coding:
| Wire Color | Function | Connection |
| :--- | :--- | :--- |
| **Brown** | VCC (+) | Positive Power Supply |
| **Blue** | GND (-) | Negative Power Supply / Common |
| **Black** | Output (Out) | Signal to PLC or Load |
---
### 4. Application Use-Cases
* **Pneumatic Cylinders:** Mounted on the cylinder wall to detect the internal magnetic piston's position.
* **Safety Interlocks:** Ensuring a gate or guard is closed before a machine starts.
* **Limit Switching:** Detecting the end-of-travel for linear actuators.
- ⤷
What is the difference between the NPN and PNP versions of this sensor?
- ⤷ How do I test this sensor using a multimeter?
- ⤷ What is the maximum sensing distance for the M2RS-41 series?