công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS-3E-R2/CE

  • AI
    The **M2RS-3E-R2/CE** is a high-precision, plug-in type **RTD (Resistance Temperature Detector) Transmitter** manufactured by **M-System**. It is designed to accept a signal from an RTD sensor and convert it into a standard linear DC output signal. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Core Specifications The model code `M2RS-3E-R2/CE` identifies specific electronic parameters: | Component | Specification Detail | Description | | :--- | :--- | :--- | | **Model Series** | M2RS | Super-mini Terminal Block Type Signal Conditioner | | **Input (3)** | JPt 100 (JIS '89) | Japanese standard platinum RTD (0 to 500°C range typically) | | **Output (E)** | 0 – 5V DC | Voltage output signal | | **Power Input (R2)** | 11 – 27V DC | Standard DC operating voltage | | **Standards (/CE)** | CE Marking | Compliant with European safety and EMC standards | --- ## 2. Electronic Components & Internal Functionality The device operates through a series of internal electronic stages to ensure signal integrity: ### A. Input Stage (RTD Interface) * **Sensor Connection:** 3-wire system. This is crucial for compensating for lead-wire resistance, ensuring the electronic measurement reflects only the temperature at the sensor tip. * **Excitation Current:** The unit provides a small, constant sensing current (typically around 1mA) to the RTD to prevent self-heating while measuring resistance. ### B. Signal Conditioning (Amplification & Linearization) * **Linearization Circuitry:** RTDs have a slightly non-linear temperature-to-resistance relationship. The M2RS includes electronic linearization to ensure the 0–5V output is perfectly proportional to the temperature. * **Zero/Span Adjustments:** Located on the front panel, these allow for fine-tuning of the electronic output using a multi-turn potentiometer. ### C. Isolation Technology * **Three-Way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power** terminals. * **Isolation Resistance:** Typically 100 MΩ or more with 500V DC. * **Dielectric Strength:** Capable of withstanding 2000V AC for 1 minute (Input to Output to Power to Ground). --- ## 3. Performance Parameters | Parameter | Value | | :--- | :--- | | **Accuracy** | ±0.2% of span | | **Temperature Coefficient** | ±0.015% / °C (±0.008% / °F) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Burnout Protection** | Standard (Output goes to Upscale in case of wire break) | | **Power Consumption** | Approx. 0.8W | --- ## 4. Physical Connection Diagram The electronic terminals are arranged for DIN-rail mounting or surface mounting: ```text Terminal | Function ---------|--------------------------- 1 & 2 | Output (+) / (-) 4 & 5 | Power Supply (+) / (-) A, B, B'| RTD Input (3-wire connection) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings for the M2RS-3E-R2?
    • ⤷ What are the specific wiring requirements for the 3-wire RTD connection to avoid interference?
    • ⤷ Can this model be used with a Pt100 (IEC) sensor instead of the JPt100?