M2RS-1E-R2
AI

The **M2RS-1E-R2** is a high-performance **RS-232 to RS-422/485 isolated converter**. It is commonly used in industrial automation to extend communication distances and protect equipment from electrical surges and ground loops.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Interface 1** | RS-232 (DB9 Female) |
| **Interface 2** | RS-422 / RS-485 (Terminal Block) |
| **Isolation Voltage** | 3000V DC (Optical Isolation) |
| **Baud Rate** | 300 bps to 115.2 Kbps |
| **Transmission Distance** | Up to 1.2 km (RS-422/485 side) |
| **Surge Protection** | 600W per line |
| **Power Input** | +9V to +24V DC External Power |
---
### 2. Core Electronic Components & Architecture
The internal design of the M2RS-1E-R2 focuses on signal integrity and protection.
#### A. Optical Isolation Layer
The "1E" in the model often signifies the inclusion of **Optical Isolators**. These components convert electrical signals into light and back again. This prevents high-voltage spikes on the industrial (RS-485) side from traveling back and destroying the PC or PLC on the RS-232 side.
#### B. Automatic Data Direction Control (ADDC)
Unlike basic converters, this unit features intelligent circuitry that detects the presence of data. It automatically switches the RS-485 driver on and off. This eliminates the need for software-based "Request to Send" (RTS) flow control.
#### C. DC/DC Converter
To maintain true isolation, the device contains an internal isolated DC/DC converter. This ensures that the power grounds of the two interfaces are completely separated, preventing ground loop currents.
---
### 3. Pinout Configuration
The device typically utilizes a 5-pin or 6-pin terminal block for the industrial side:
| Pin Label | Signal Function | Description |
| :--- | :--- | :--- |
| **T/R+** | RS-485+ / Transmit+ | Positive data line for 485 or 422 |
| **T/R-** | RS-485- / Transmit- | Negative data line for 485 or 422 |
| **RXD+** | Receive+ | Used only for 4-wire RS-422 |
| **RXD-** | Receive- | Used only for 4-wire RS-422 |
| **GND** | Signal Ground | Reference ground for shielded cable |
---
### 4. Typical Applications
* **PLC Programming:** Connecting a laptop (RS-232) to an industrial PLC network.
* **SCADA Systems:** Long-distance data acquisition from sensors.
* **Building Automation:** Interfacing with HVAC controllers and security panels.
- ⤷
How do I configure the DIP switches for RS-485 2-wire vs RS-422 4-wire mode?
- ⤷ What is the maximum number of nodes supported on the RS-485 bus for this model?
- ⤷ Does this device require a specific driver to be installed on the PC?