M2RS-01-R2/N
AI

The **M2RS-01-R2/N** is a specialized electronic component, typically associated with industrial automation and control systems (often part of the M-System or similar signal conditioner/isolator series). Specifically, it is a **Rotary Switch Type Signal Conditioner/Transmitter**.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed to interface between field sensors and control systems (PLC/DCS), providing signal conversion and galvanic isolation.
| Feature | Description |
| :--- | :--- |
| **Model Type** | M2RS Series (Plug-in Signal Conditioner) |
| **Input Type** | Potentiometer / Resistance Manual Adjuster |
| **Output Type** | Standard DC Signal (Current or Voltage) |
| **Power Input** | 100 – 240V AC or 24V DC (Model dependent) |
| **Mounting** | DIN Rail or Surface Mount |
---
### 2. Key Electronic Components & Functions
The internal circuitry consists of several critical stages to ensure signal integrity:
* **Input Stage (Potentiometer Interface):** This part of the circuit provides a constant voltage/current to a remote potentiometer. It measures the wiper position as a ratio of resistance.
* **Isolation Barrier:** Uses an **Optical Isolator** or **Transformer-based isolation**. This protects the control system from high-voltage surges on the field side (usually up to 2000V AC).
* **Signal Conversion (A/D & D/A):** High-precision operational amplifiers and converters transform the mechanical position of the rotary switch/potentiometer into a linear electrical signal.
* **Output Driver:** A robust output stage that can drive loads (e.g., 4-20mA into a 550Ω load or 0-10V DC).
---
### 3. Technical Parameters
The following table summarizes the typical electronic performance of the R2/N variant:
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Insulation Resistance** | 100 MΩ or more (at 500V DC) |
| **Isolation Strength** | Input to Output to Power (2000V AC for 1 minute) |
| **Temperature Coefficient** | ±0.015% per °C |
---
### 4. Application Logic
The **"R2"** in the part number often indicates the power supply requirements (e.g., 100-240V AC), while the **"/N"** suffix can denote specific terminal types or a "No Option" standard configuration.
**Electronic Wiring Diagram (Simplified):**
```text
[ Potentiometer ] ----> [ Input Terminals ]
|
[ Optical Isolation ]
|
[ Output Signal ] <---- [ Output Driver ]
(4-20mA/0-10V)
```
---
- ⤷
What are the specific wiring pinouts for the M2RS-01-R2/N?
- ⤷ Can the output signal type be changed via internal jumpers?
- ⤷ What is the difference between the R2 and the R power supply options?