công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RS-01-R/Q

  • AI
    The **M2RS-01-R/Q** is a specific model within the **M2RS series** of digital multi-meters or panel meters, typically manufactured by companies like **Autonics**. These devices are designed for industrial automation to measure and display electrical signals such as voltage or current with high precision. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes the specific output type or power supply configuration. Below is a breakdown of the standard electronic characteristics: | Parameter | Specification | |:---|:---| | **Input Type** | DC Voltage or DC Current (Multi-input) | | **Display Method** | 4-digit 7-segment LED | | **Power Supply** | 100-240VAC 50/60Hz (Standard) | | **Input Range** | 0-10V, 1-5V, 0-20mA, 4-20mA (Selectable) | | **Output Options** | Relay output (R) or Low-speed serial (Q) | | **Sampling Cycle** | 50ms to 500ms (Adjustable) | | **Accuracy** | ±0.2% F.S. ±1-digit | --- ### 2. Core Electronic Components The internal architecture of the M2RS-01-R/Q consists of several critical functional blocks: #### A. Input Conditioning Circuit This section utilizes high-precision resistors and operational amplifiers (Op-Amps) to scale the incoming industrial signal (e.g., 4-20mA) into a voltage range readable by the internal Analog-to-Digital Converter (ADC). #### B. Microcontroller (MCU) The "brain" of the unit. It performs: * **Linearization:** Converting the raw electrical signal into physical units. * **Scaling:** Mapping the input (e.g., 4mA) to a specific display value (e.g., 0.0). * **Digital Filtering:** Removing electrical noise from the signal to prevent display flicker. #### C. Output Stage (The R/Q designation) * **Relay (R):** Includes physical electromagnetic relays used for Alarms (High/Low limits). * **Serial Output (Q):** Typically refers to a specific communication protocol or a specialized transmission output for PLC interfacing. --- ### 3. Wiring Terminal Configuration Typical pin assignments for these industrial meters are structured as follows: ```markdown Terminal Block Layout (Example): 1-2: Power Supply (L, N) 3-4: Alarm 1 Relay Output 5-6: Alarm 2 Relay Output 7-8: Input Signal (+) and (-) 9-10: Sensor Power Supply (12V/24V DC Out) ``` --- ### 4. Key Features for Electronic Integration * **Prescale Function:** Allows the user to set the display range regardless of the input (e.g., 4-20mA = 0.0 to 100.0%). * **Isolation:** The input, output, and power circuits are galvanically isolated to prevent ground loops and protect upstream equipment. * **Hysteresis:** Electronic logic prevents relay "chattering" when the signal fluctuates near the setpoint.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the M2RS-01 for a 4-20mA input?
    • ⤷ What is the difference between the 'R' and 'Q' output models in a control loop?
    • ⤷ Can the M2RS-01 provide excitation power for a 2-wire transmitter?