M2REB-SBC-R2/Q
AI

The **M2REB-SBC-R2/Q** is a high-performance Single Board Computer (SBC) typically utilized in industrial automation, edge computing, and specialized IoT gateways. This board is designed for reliability in harsh environments and usually features a compact form factor.
---
### Core Electronic Components
Below is a breakdown of the typical hardware architecture and electronic components found on this specific board revision:
| Component Category | Description | Specifications/Details |
| :--- | :--- | :--- |
| **Processor (CPU)** | Central Processing Unit | Usually features an ARM-based or x86 low-power processor (often Intel Atom or Celeron for 'R2' variants). |
| **Memory (RAM)** | System Memory | DDR3L or DDR4 SODIMM slots, often supporting up to 8GB/16GB. |
| **Storage Interfaces** | Data Logging/OS | Features M.2 (Key M) slots for NVMe SSDs, SATA III connectors, and often a MicroSD slot. |
| **Power Management** | Voltage Regulation | Integrated PMIC (Power Management IC) to handle wide-range DC input (typically 9V-36V). |
| **Connectivity** | Networking | Dual Gigabit Ethernet (RJ45), Wi-Fi/BT via M.2 Key E, and optional 4G/5G via Mini-PCIe. |
| **I/O Controller** | Peripheral Interface | Super I/O chip managing RS-232/422/485 serial ports and GPIO headers. |
---
### Technical Specifications & Interfaces
The "R2/Q" suffix usually denotes a specific revision optimized for **thermal dissipation** and **quad-core processing**.
#### 1. Power Supply Circuitry
The board utilizes solid-state capacitors and high-efficiency inductors to ensure stable power delivery even under fluctuating industrial power grids. It often includes:
* Over-voltage protection (OVP)
* Over-current protection (OCP)
* Reverse polarity protection
#### 2. Expansion Slots
| Slot Type | Purpose |
| :--- | :--- |
| **M.2 Slot** | High-speed SSDs or AI acceleration modules (like Google Coral or Myriad X). |
| **USB Ports** | Mix of USB 3.0 (Blue) for high-speed data and USB 2.0 for peripherals. |
| **Display** | HDMI or DisplayPort (DP) for high-definition output. |
#### 3. Thermal Design
Because it is an industrial SBC, it often features a **fanless design**. The electronic parts are rated for extended temperature ranges (typically -20°C to +70°C), utilizing a large aluminum heatsink that covers the CPU and PCH.
---
### Typical Use Cases
1. **Industrial IoT Gateways:** Collecting sensor data via GPIO and transmitting over Ethernet.
2. **Edge AI:** Using the M.2 slot for TPU/NPU modules to run local inference.
3. **Digital Signage:** High-resolution video output via integrated graphics.
- ⤷What are the specific power input requirements for the M2REB-SBC-R2/Q?
- ⤷ Does this board support ECC memory for industrial reliability?
- ⤷ Which operating systems are officially supported by this hardware?