AI

The **M2REB-SBA-R2/Q** is a specific SKU primarily associated with the **Rockchip RK3588** based System-on-Module (SoM) or Single Board Computer (SBC) ecosystems, often found in industrial or high-performance edge AI applications (like the Firefly or Radxa series).
Below is a breakdown of its core electronic architecture and specifications.
---
### 1. Core Processor & Architecture
At the heart of this assembly is the **Rockchip RK3588**, a high-performance 8nm SoC.
| Component | Specification |
| :--- | :--- |
| **CPU** | Octa-core (4× Cortex-A76 @ 2.4GHz + 4× Cortex-A55 @ 1.8GHz) |
| **GPU** | ARM Mali-G610 MC4 (Supports OpenGL ES 3.2, OpenCL 2.2, Vulkan 1.1) |
| **NPU** | 6 TOPS (Trillion Operations Per Second) for AI/Deep Learning |
| **VPU** | 8K@60fps H.265/VP9 video decoding; 8K@30fps H.265/H.264 encoding |
---
### 2. Memory and Storage Interfaces
The "R2/Q" variants typically define the RAM and eMMC configuration.
* **RAM (LPDDR4/LPDDR4x):** Usually configured with 4GB, 8GB, or 16GB. The 64-bit memory interface provides high bandwidth for 8K video processing.
* **Storage (eMMC 5.1):** High-speed onboard flash storage.
* **External Expansion:** Supports M.2 NVMe (PCIe 3.0) for high-speed SSD integration.
---
### 3. Connectivity & I/O Mapping
This specific electronic assembly is designed for high-density peripheral interfacing:
* **PCIe Interfaces:**
* PCIe 3.0 (4-lanes) for high-speed peripherals.
* PCIe 2.1 (1-lane) often used for Wi-Fi 6 or SATA expansion.
* **Display Interfaces:**
* HDMI 2.1 (8K output).
* eDP (Embedded DisplayPort).
* MIPI-DSI (Multi-lane for mobile/embedded screens).
* **Camera Interfaces:**
* MIPI-CSI (4-lane) supporting high-resolution ISP processing for HDR and 4K/8K input.
---
### 4. Power Management (PMIC)
The board utilizes a dedicated Power Management IC (typically the **RK806**) to handle the complex voltage rails required by the 8nm SoC. It manages:
* Dynamic Voltage Scaling (DVS).
* Power sequencing for DDR and Core rails.
* RTC (Real Time Clock) backup power.
---
### 5. Technical Environment Support
```json
{
"os_support": ["Android 12.0", "Ubuntu 20.04/22.04", "Debian 11", "Buildroot"],
"ai_frameworks": ["TensorFlow", "PyTorch", "MXNet", "Caffe"],
"industrial_features": ["Hardware Watchdog", "Wide Temperature Operation"]
}
```
---
- ⤷
What are the specific pinout differences between the R2 and the original version?
- ⤷ Does this model support Power over Ethernet (PoE) expansion?
- ⤷ What is the maximum power consumption under full NPU load?