công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-SAC-R

  • AI
    The **M2REB-SAC-R** is a specific model of an **M.2 Solid State Drive (SSD)**, typically associated with industrial or specialized embedded storage solutions. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications This device is designed for high-reliability data storage. The "SAC" and "R" suffixes often denote specific NAND types or temperature ratings (Commercial or Industrial). | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Interface** | SATA III (6.0 Gbps) | | **NAND Flash Type** | 3D TLC (Tri-Level Cell) | | **Capacity Options** | Typically 128GB to 1TB | | **Operating Voltage** | 3.3V ± 5% | | **Operating Temperature** | Standard (0°C to 70°C) or Industrial (-40°C to 85°C) | --- ## 2. Key Electronic Components The PCB (Printed Circuit Board) of the M2REB-SAC-R contains several critical ICs and circuits: ### A. NAND Flash Memory The primary storage element. It uses **3D NAND** technology, where memory cells are stacked vertically to increase density and reduce power consumption. ### B. SSD Controller The "brain" of the device. It manages: * **Wear Leveling:** Ensures data is written evenly across cells to extend lifespan. * **ECC (Error Correction Code):** Detects and fixes data bit errors. * **Bad Block Management:** Maps out failing memory sectors. * **Garbage Collection:** Optimizes free space for future writes. ### C. Power Management Integrated Circuit (PMIC) SSD modules rely on stable power. The PMIC converts the 3.3V input from the M.2 slot into the various lower voltages (e.g., 1.2V, 1.8V) required by the controller and NAND chips. ### D. Passives and Protection * **Decoupling Capacitors:** Filter electrical noise to ensure signal integrity. * **SMD Resistors:** Manage current flow and signal termination. * **Thermal Sensor:** Monitors the drive's temperature to trigger "Thermal Throttling" if the device exceeds safe operating limits. --- ## 3. Connector Pinout (SATA M.2) Since this is a SATA-based M.2 drive, it typically uses the **B+M Key** configuration. | Section | Function | | :--- | :--- | | **Power Pins** | 3.3V Supply and Ground (GND) | | **Data Pins** | Differential pairs for Transmit (TX) and Receive (RX) | | **Config Pins** | Used by the motherboard to identify the device type (SATA vs PCIe) | --- ## 4. Reliability Features As an industrial-grade part, the M2REB-SAC-R often includes: 1. **S.M.A.R.T. Support:** Self-Monitoring, Analysis, and Reporting Technology to predict failure. 2. **TRIM Support:** Maintains SSD speed over time by managing deleted data blocks. 3. **Shock/Vibration Resistance:** Designed to withstand physical stress better than standard consumer HDDs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M.2 SATA and M.2 NVMe interfaces?
    • ⤷ Does this specific model support Power Loss Protection (PLP)?
    • ⤷ How do I check the remaining life of this SSD using S.M.A.R.T. tools?