M2REB-SA4-R/N
AI

The **M2REB-SA4-R/N** is a specialized industrial sensor, typically categorized as a **photoelectric sensor** or a **laser sensor** (often associated with the Omron or specialized industrial automation lines). These components are designed for high-precision detection in automated environments.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical electronic and physical specifications for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Sensing Method** | Retro-reflective or Background Suppression (BGS) |
| **Supply Voltage** | 10 to 30 VDC (includes 10% ripple) |
| **Current Consumption** | Approx. 20mA - 35mA |
| **Output Type** | PNP or NPN Open Collector (Depending on model suffix) |
| **Response Time** | < 1ms (High-speed detection) |
| **Light Source** | Red LED or Laser Diode |
| **Connection Type** | M8 Connector (4-pin) or Pre-wired cable |
---
### 2. Key Electronic Components
The device is comprised of several internal electronic stages that allow it to function as a reliable switch:
#### A. The Emitter (Light Source)
* **Component:** High-intensity Red LED or Class 1 Laser.
* **Function:** Projects a focused beam of light toward a target or a reflector.
* **Electronic Control:** Managed by a pulsed oscillator circuit to differentiate the sensor's own light from ambient light (preventing interference).
#### B. The Receiver (Photodiode)
* **Component:** Photodiode or Phototransistor.
* **Function:** Captures the reflected light. It converts the optical signal into a proportional electrical current.
#### C. Signal Processing (ASIC/Comparator)
* The raw electrical signal from the receiver passes through an internal **Operational Amplifier (Op-Amp)**.
* A **Comparator circuit** checks the signal strength against a predefined threshold (set via a potentiometer or "Teach" button).
* If the threshold is met, it triggers the output logic.
#### D. Output Stage (Transistor Logic)
* **NPN/PNP Transistor:** Acts as the solid-state switch.
* **Protection:** Usually includes Reverse Polarity Protection and Short-Circuit Protection to prevent damage if wired incorrectly.
---
### 3. Wiring Configuration (M8 Connector)
For the **SA4** variant, which typically denotes an M8 4-pin connector, the pinout is generally standard:
| Pin Number | Color | Function |
| :---: | :--- | :--- |
| 1 | Brown | +V (Positive Supply) |
| 2 | White | Control/Alarm (Optional) |
| 3 | Blue | 0V (Negative Supply) |
| 4 | Black | Output (Signal) |
---
### 4. Operational Modes
* **Light-ON:** The output is active when the receiver detects light.
* **Dark-ON:** The output is active when the beam is broken (interrupted).
* **Stability Indicator:** Often features a Green LED (stability) and an Orange LED (operation) to provide visual electronic feedback on the alignment quality.
- ⤷
What is the maximum sensing distance for the M2REB-SA4-R/N?
- ⤷ Does this model support IO-Link communication?
- ⤷ How do you adjust the sensitivity threshold on this specific sensor?