AI

The **M2REB-SA11-R/N** is a specific model of a **Rotary Encoded Switch** (often referred to as a binary coded rotary DIP switch), typically manufactured by companies like Copal Electronics (Nidec) or similar electronic component providers. These parts are used to set configurations or addresses on a circuit board manually.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Rotary Coded Switch |
| **Output Code** | Binary Coded Decimal (BCD) |
| **Number of Positions** | 10 Positions (0-9) |
| **Actuator Type** | Shaft Type (Rotatable knob/shaft) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Terminal Layout** | Right Angle (Side-actuated) |
| **Contact Rating** | Typically 100mA, 5V DC (Switching) |
| **Orientation** | Horizontal / Right Angle |
---
### 2. Functional Breakdown
#### A. Binary Coded Decimal (BCD) Logic
The "SA11" designation usually indicates the coding logic. In a BCD configuration, the switch has 4 output pins (representing bits 1, 2, 4, and 8) plus a common pin. As you turn the dial:
* **Position 0:** All output pins are open.
* **Position 1:** Pin 1 is connected to Common.
* **Position 9:** Pins 1 and 8 are connected to Common ($1 + 8 = 9$).
#### B. Physical Design (R/N Suffix)
* **R (Right Angle):** This indicates that the adjustment shaft sits parallel to the PCB, allowing for edge-of-board access.
* **N (Non-washable/Standard):** This usually refers to the sealing level. Parts marked 'N' might not be fully sealed for immersion cleaning, whereas 'W' models often are.
#### C. Shaft Actuation
Unlike flush-mounted DIP switches that require a screwdriver, the **SA11** shaft allows for manual rotation by hand or a small knob, making it ideal for user-accessible settings.
---
### 3. Application Use Cases
1. **Address Setting:** Setting the unique ID for a device on a bus (like RS-485 or CAN bus).
2. **Mode Selection:** Choosing between different operating firmware modes (e.g., Test Mode vs. Normal Mode).
3. **Frequency Tuning:** Selecting preset channels on radio or communication equipment.
---
### 4. Typical Internal Circuit (Simplified)
```text
[ Common ]
|
-----------------
| | | | |
(1) (2) (4) (8) [Output Pins]
```
---
- ⤷
What is the difference between BCD and Hexadecimal rotary switches?
- ⤷ How do I wire the common pin for a pull-up resistor configuration?
- ⤷ Can this switch be used for AC voltage applications?