công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-S5D-R2/

  • AI
    The **M2REB-S5D-R2** is a specialized electronic component, typically classified as a **High-Frequency/RF Relay** or a specialized **M-Series Electromagnetic Relay** used in industrial automation and communication circuits. Below is a detailed breakdown of its technical specifications and functional attributes. --- ### 1. Key Technical Specifications The part number indicates specific characteristics regarding its mounting, voltage, and contact arrangement. | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Electromechanical Relay (High Reliability) | | **Contact Form** | Usually DPDT (2 Form C) or SPDT depending on series variant | | **Coil Voltage** | 5V DC (indicated by the "5D" suffix) | | **Termination Style** | PCB Mount / Through-hole | | **Contact Material** | Gold-clad Silver Alloy (Common for low-signal switching) | | **Packaging** | Sealed/Washable (R2 designation often refers to reel or revision) | --- ### 2. Electronic Breakdown The device operates based on standard electromagnetic induction principles but is optimized for precision. #### A. The Coil (Input Side) * **Voltage:** Optimized for 5V DC logic levels, making it compatible with most microcontrollers (MCU) and TTL logic. * **Power Consumption:** Designed for low power draw to prevent overheating in dense PCB layouts. #### B. The Contacts (Output Side) * **Low Signal Switching:** Unlike power relays, these are designed to switch low currents (mA) without signal degradation. * **Contact Resistance:** Extremely low initial contact resistance to ensure signal integrity in sensitive measurement equipment. #### C. Housing and Shielding * **Sealing:** The "S" in many relay codes indicates a **Sealed** construction, protecting the internal contacts from dust, moisture, and oxidation. * **Form Factor:** Compact footprint designed for high-density surface mount or through-hole boards. --- ### 3. Common Applications Due to its reliability and specific voltage rating, this part is frequently found in: * **Telecommunications:** Signal routing and line switching. * **Test & Measurement:** Oscilloscopes, multimeters, and automated test equipment (ATE). * **Medical Electronics:** Low-power signal isolation in diagnostic devices. * **Industrial Controls:** Interfacing low-voltage sensors with control logic. --- ### 4. Circuit Implementation Example When integrating the M2REB-S5D-R2 into a circuit, a flyback diode is essential to protect the driving transistor from inductive spikes. ```cpp // Logic representation for controlling the relay via an MCU void toggleRelay(bool state) { if (state == HIGH) { digitalWrite(RELAY_PIN, HIGH); // Energize 5V Coil } else { digitalWrite(RELAY_PIN, LOW); // De-energize } } ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum switching current and voltage ratings for this relay?
    • ⤷ Is there a direct equivalent or substitute for the M2REB series?
    • ⤷ Does this relay require a specific footprint for PCB layout design?