M2REB-S5D-R
AI

The **M2REB-S5D-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Receptacle Connector**, often used in automotive or industrial high-speed data transmission applications.
---
### 1. Key Specifications
Based on the part numbering convention (common for manufacturers like Rosenberger or similar high-frequency connector specialists), here are the technical specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | HSD (High-Speed Data) Connector / Receptacle |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Orientation** | Right Angle (Side Entry) |
| **Coding** | Coding D (Usually identified by Bordeaux/Violet color) |
| **Interface Type** | MATE-AX or similar Fakra-style high-speed interface |
| **Impedance** | 100 $\Omega$ (Differential) |
---
### 2. Physical Construction
The part is comprised of several critical sub-components that ensure electrical integrity and mechanical durability:
* **Center Contacts:** Gold-plated copper alloy to ensure low contact resistance and high signal integrity.
* **Insulator:** High-temperature engineering plastic (LCP or similar) capable of withstanding lead-free reflow soldering temperatures.
* **Outer Shield (Housing):** Die-cast zinc or tin-plated brass to provide 360-degree EMI/EMC shielding.
* **Solder Pins/Leads:** Designed for automated pick-and-place assembly on PCBs.
---
### 3. Electrical Performance
This part is designed to handle high-frequency data protocols. Typical performance metrics include:
1. **Frequency Range:** DC to 6 GHz (or higher depending on specific series).
2. **Data Rate:** Capable of supporting LVDS, Ethernet (100Base-T1 / 1000Base-T1), and USB 2.0/3.0.
3. **Return Loss:** Typically $\leq -20$ dB up to 2 GHz.
4. **Insertion Loss:** Minimal signal degradation over high-speed links.
---
### 4. Applications
The M2REB-S5D-R is primarily found in environments where vibration resistance and high data throughput are required:
* **Automotive Infotainment:** Connecting head units to displays.
* **ADAS (Advanced Driver Assistance Systems):** Routing camera feeds to processing units.
* **Telematics:** High-speed communication modules.
* **Industrial Automation:** High-resolution sensor data transmission.
---
### 5. Coding System (D-Coding)
The "D" in the part number refers to the mechanical "keying." Connectors of this type use color-coded plastic housings to prevent incorrect mating:
* **Coding D** is traditionally **Bordeaux Violet**.
* It ensures that a Cable Plug with "D" coding can only be inserted into a Receptacle with "D" coding.
- ⤷
What is the standard soldering profile for the M2REB-S5D-R?
- ⤷ How does Coding D differ from Coding A in HSD connectors?
- ⤷ What are the compatible mating cable part numbers for this receptacle?