AI

The **M2REB-S31-R/N** belongs to a specialized series of industrial magnetic encoders, typically used in automation, robotics, and motor control. This specific part number represents a magnetic sensing head designed to read a magnetic scale or ring.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical electronic and mechanical characteristics associated with this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Non-contact Magnetic Incremental Encoder |
| **Output Signal** | Line Driver (RS422) or Push-Pull |
| **Resolution** | Up to 1μm (depends on the interpolation setting) |
| **Supply Voltage** | 5V DC or 10-30V DC |
| **Max Frequency** | 500 kHz - 1 MHz |
| **Operating Temp** | -20°C to +85°C |
| **Protection Class** | IP67 (High resistance to dust, oil, and moisture) |
---
### 2. Breakdown of the Part Number Components
While naming conventions can vary slightly by manufacturer (such as *Mutoh* or *Lika*), the "M2REB" designation usually follows this logic:
* **M2REB:** The series identifier for a compact magnetic reading head.
* **S31:** Indicates the physical size and the compatible magnetic pole pitch (e.g., 2mm or 5mm pole pitch).
* **R/N:**
* **R:** Refers to the Reference signal (Index mark/Zero pulse).
* **N:** Often indicates the cable termination type (e.g., Flying leads or No connector).
---
### 3. Electronic Architecture
The internal circuitry consists of three primary stages:
#### A. Magnetoresistive (MR) or Hall Effect Bridge
The core contains an array of sensors that detect the sinusoidal magnetic field generated by a magnetic tape or ring. As the head moves, it produces two analog signals (Sine and Cosine).
#### B. Interpolation Logic
An internal ASIC (Application Specific Integrated Circuit) converts these analog sine/cosine waves into digital square waves (A and B channels). The phase shift between A and B is 90°, allowing the controller to determine direction.
#### C. Output Drivers
The signal is buffered through a line driver (usually compliant with **EIA-422**). This ensures:
* High noise immunity over long cable runs.
* Differential signaling (A, /A, B, /B, Z, /Z) to cancel out electromagnetic interference (EMI).
---
### 4. Typical Applications
* **CNC Machinery:** Feedback for linear axes.
* **Medical Equipment:** Precise positioning for scanning tables.
* **Harsh Environments:** Since it is magnetic and non-contact, it functions where optical encoders fail due to oil, dust, or vibration.
- ⤷
What is the compatible magnetic pole pitch for the S31 model?
- ⤷ What are the specific wiring color codes for the RS422 output?
- ⤷ How does the mounting gap distance affect the signal accuracy of this encoder?