công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-S2B-R2/UL

  • AI
    The **M2REB-S2B-R2/UL** is a specific model of an industrial **Electromagnetic Brake Motor** or **Brake Unit**, typically manufactured by companies like **Oriental Motor**. This component is designed for applications requiring precise stopping, load holding, and safety in the event of a power failure. --- ## 1. Technical Specifications Overview The following table breaks down the core technical parameters of the unit: | Parameter | Specification | | :--- | :--- | | **Type** | Power-Off Activated Electromagnetic Brake | | **Input Voltage** | Typically 24VDC (Standard for R2 suffix) | | **Safety Standard** | UL/CSA Certified (indicated by /UL) | | **Operation Mode** | Non-Excitation Type (Friction Brake) | | **Function** | Horizontal Load Holding & Emergency Braking | --- ## 2. Electronic Component Breakdown The "Electronic Parts" of this assembly function together to convert electrical signals into mechanical braking force. ### A. The Solenoid Coil (Electromagnet) The heart of the unit is a copper wire coil. - **Operation:** When voltage (24VDC) is applied, the coil creates a magnetic field. - **Function:** This magnetic field pulls an internal armature plate away from the friction disc, allowing the motor shaft to rotate freely. ### B. Friction Disc & Armature While mechanical, these interact directly with the electronic magnetic field: - **Power ON:** Armature is magnetically attracted; the brake is **released**. - **Power OFF:** The magnetic field collapses; internal springs push the armature against the friction disc, **locking** the shaft. ### C. Varistor / Surge Suppressor (Internal) Most UL-rated DC brakes include an internal varistor. - **Purpose:** To protect the control circuit from "inductive kickback" (voltage spikes) that occurs when the brake coil is de-energized. --- ## 3. Wiring and Integration To operate this part electronically, it is usually integrated into a control circuit as follows: ```mermaid graph LR Power[24VDC Supply] --> Switch[Relay/PLC Output] Switch --> BrakeCoil[M2REB-S2B-R2 Coil] BrakeCoil --> Ground[0V / GND] ``` ### Wiring Best Practices: 1. **Polarity:** Ensure the 24VDC is applied correctly to the lead wires (usually color-coded). 2. **Timing:** The brake should be energized (released) *before* the motor starts and de-energized (engaged) *after* the motor stops to prevent premature wear. 3. **Fuse Protection:** Use a fast-acting fuse to protect the coil from overcurrent conditions. --- ## 4. Part Number Decoder * **M2REB:** Series designation (Electromagnetic Brake). * **S2B:** Frame size and torque characteristics. * **R2:** Voltage specification (24VDC). * **UL:** Compliance with Underwriters Laboratories safety standards for the North American market. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque capacity for the S2B frame size?
    • ⤷ Can this brake be used with a variable frequency drive (VFD)?
    • ⤷ How do I troubleshoot a brake that fails to release when powered?