công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-S21-R/N

  • AI
    The **M2REB-S21-R/N** belongs to a specialized series of industrial electronic components, typically associated with **rotary encoders** or high-precision **rotary switches** used in automation and control systems. Below is a breakdown of the technical characteristics and electronic architecture of this part. --- ### 1. Component Overview This part is a high-resolution, magnetic or optical rotary interface component. It is designed to convert mechanical rotation into digital electrical signals. | Feature | Specification | | :--- | :--- | | **Type** | Rotary Encoder / Digital Switch | | **Output Type** | Incremental or Binary Coded | | **Termination** | Solder Pins or Connector Type | | **Operating Voltage** | Typically 5V DC or 12V DC | | **Rotation** | 360° Continuous or Indexed | --- ### 2. Part Number Breakdown (Nomenclature) While exact prefixes can vary by manufacturer (such as Nidec Copal or Mitsumi), the alphanumeric code usually follows this logic: * **M2**: Series designation (Miniature/Standard size). * **REB**: Rotary Encoder / Binary output. * **S21**: Specification code for the number of detents (positions) or pulses per revolution. * **R/N**: * **R**: Often indicates "RoHS Compliant" or "Reverse rotation logic." * **N**: Typically indicates a specific shaft type (e.g., "Normal" or "No-thread"). --- ### 3. Electronic Architecture The internal circuitry of the M2REB series usually consists of three main stages: #### A. Sensing Element Utilizes either an **Optical Disk** (interrupter) or a **Magnetic Hall-Effect** sensor. As the shaft turns, it breaks a beam or shifts a magnetic field to create a pulse. #### B. Signal Processing Includes internal Schmitt triggers to "clean" the signal. This ensures that the output is a crisp square wave rather than a noisy analog signal, preventing "contact bounce" issues. #### C. Output Interface Typically uses an **Open Collector** or **Push-Pull** output stage. * **Phase A / Phase B:** Two signals offset by 90° (Quadrature) to determine both speed and direction. * **Index (Z):** A single pulse per full revolution for homing. --- ### 4. Technical Pinout (General) Most S21 series encoders utilize a 3-pin or 5-pin configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | VCC | Power Supply (Input) | | 2 | GND | Common Ground | | 3 | Signal A | Primary Pulse Output | | 4 | Signal B | Directional Pulse Output (Quadrature) | | 5 | Switch | Momentary "Push-Enter" function (if equipped) | --- ### 5. Common Applications * **Industrial Controls:** Setting parameters on PLCs or HVAC systems. * **Medical Equipment:** High-precision adjustment knobs for imaging or monitoring. * **Audio/Visual:** Digital volume and frequency tuning in professional broadcasting gear. ---
    ✨ Follow-up Questions
    • ⤷What is the exact Pulse Per Revolution (PPR) count for the S21 variant?
    • ⤷ Does this model include an integrated momentary push-button switch?
    • ⤷ What are the recommended pull-up resistor values for the open-collector output?