công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-RCD-R2/Q

  • AI
    The **M2REB-RCD-R2/Q** is a specific electronic sub-assembly, typically categorized as a **Remote Control Receiver Board** or a specialized interface module used in industrial automation, gates, or security systems. Below is an explanation of its core electronic parts and functional architecture. --- ### 1. Component Breakdown The board is composed of several layers of electronic components designed for signal reception, processing, and switching. | Component Category | Description | Common Purpose | | :--- | :--- | :--- | | **RF Receiver Module** | A sub-module (often 433MHz or 868MHz). | Captures wireless signals from remotes/transmitters. | | **Microcontroller (MCU)** | The "brain" of the board (e.g., PIC or STM series). | Decodes signal protocols and manages logic/timing. | | **Relays (Mechanical)** | Electromechanical switches. | Provides dry contacts to open gates, lights, or motors. | | **Power Regulation** | LDO regulators or Zener diodes. | Drops input voltage (e.g., 24V) to 5V or 3.3V for logic. | | **Terminal Blocks** | Screw-down connectors. | Interface for power input and relay output wiring. | | **Antenna Port** | U.FL connector or wire trace. | Point of connection for the RF antenna. | --- ### 2. Functional Sections #### A. Power Management This section usually handles a wide input range (typically 12V–24V AC/DC). It includes bridge rectifiers and capacitors to smooth the current, ensuring the sensitive microcontroller does not reboot during voltage spikes. #### B. The Decoding Logic The "RCD" in the part number often stands for **Rolling Code Decoder**. * **Security:** It uses encryption algorithms to ensure that "sniffed" signals cannot be replayed to trigger the device. * **Memory:** It contains an EEPROM chip to store "paired" remote control IDs. #### C. Output Interface The **R2** designation typically indicates a **2-Channel** configuration. * **Channel 1:** Usually for full operation (e.g., Open Gate). * **Channel 2:** Usually for partial operation (e.g., Pedestrian Mode). --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V AC/DC | | **Frequency** | 433.92 MHz (Standard) | | **Relay Rating** | 1A to 5A at 30VDC / 120VAC | | **Memory Capacity** | Up to 100-500 unique codes | | **Configuration** | Monostable, Bistable, or Timed | --- ### 4. Installation & Safety * **Protection:** Look for a Varistor (MOV) on the board which protects against lightning or power surges. * **Programming:** Usually features a "Learn" or "Prog" tactile button for pairing new transmitters.
    ✨ Follow-up Questions
    • ⤷ How do I pair a new remote to the M2REB-RCD-R2 board?
    • ⤷ What are the common causes of range reduction in this receiver?
    • ⤷ Can this board handle 230V AC switching directly?