công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-RB3-R/CE

  • AI
    The **M2REB-RB3-R/CE** is a specialized electronic component, typically classified as a **safety encoder** or a high-precision sensing device used in industrial automation, particularly in elevator systems or robotic motion control. Below is the technical breakdown of its electronic characteristics and structural components. --- ### 1. Technical Specifications The following table outlines the core electronic and mechanical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Encoder / Safety Sensor | | **Supply Voltage** | Usually 24V DC (Standard Industrial) | | **Interface** | RS-422, SSI, or Parallel (Depending on exact sub-variant) | | **Resolution** | High-precision pulse count for position tracking | | **Safety Rating** | SIL2 / SIL3 Compliant (Safety Integrated Level) | | **Protection Class** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Key Electronic Parts & Functionality The device is composed of several critical internal electronic subsystems: #### A. Optical/Magnetic Sensing Module * **The Disk:** A precision-coded disk that rotates with the shaft. * **LED Emitter & Photodetector:** In optical versions, an IR LED shines through the disk onto a photodiode array. The electronic pulses generated are then translated into binary or gray code data. #### B. Signal Processing Circuitry (PCB) * **ASIC (Application-Specific Integrated Circuit):** Handles the high-speed processing of raw sensor signals. * **Error Correction:** Internal logic that monitors for signal drift or mechanical failure, which is vital for its "CE" (Safety) certification. * **Line Driver:** Amplifies the output signal to ensure it can travel over long cables without electromagnetic interference (EMI) degradation. #### C. Connector Interface (RB3 Coding) * The "RB3" suffix typically refers to a specific **circular connector** pinout. * This part ensures a secure, vibration-resistant connection to the main PLC (Programmable Logic Controller) or Inverter. --- ### 3. Application Use Cases This specific part is frequently found in the following environments: 1. **Elevator Hoistways:** Monitoring the exact floor position and speed of the cabin. 2. **Synchronized Drive Systems:** Ensuring two motors are spinning at the exact same rate. 3. **Hazardous Machinery:** Where a failure in position sensing could result in human injury (hence the "CE" safety marking). --- ### 4. Part Number Breakdown (Typical) * **M2REB:** Series identifier (Safety-rated rotary encoder). * **RB3:** Connector type and wiring configuration. * **R:** Indicates specialized rotation direction or resolution scaling. * **CE:** Certification indicating compliance with European safety, health, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RB3 connector?
    • ⤷ How does the safety SIL rating affect the internal redundancy of this part?
    • ⤷ Is this encoder compatible with standard Delta or Siemens PLC high-speed counters?