M2REB-R53-M2/N
AI

The **M2REB-R53-M2/N** is a specialized high-density electrical connector, typically part of the **M2 series** manufactured by Hirose Electric or similar precision component vendors. These are widely used in telecommunications, medical equipment, and high-reliability industrial computing.
### 1. Technical Specifications Overview
This component is a multi-contact, rectangular interface connector designed for board-to-cable or rack-and-panel applications.
| Feature | Specification |
| :--- | :--- |
| **Series** | M2 Series (High-Density Rectangular) |
| **Number of Pins** | 53 Pins |
| **Mounting Type** | Through-hole / Panel Mount |
| **Termination Style** | Solder or Crimp (model dependent) |
| **Contact Plating** | Gold (typically for high-reliability signal integrity) |
| **Gender** | Receptacle (Female) |
---
### 2. Key Electronic Characteristics
The "Electronic Parts" composition of this connector involves materials and design choices that ensure signal stability:
* **Contact Resistance:** Engineered to maintain low resistance (usually $<30m\Omega$) to prevent voltage drops across the 53 pins.
* **Dielectric Withstanding Voltage:** The internal insulation (often glass-reinforced PBT or similar resin) is rated to prevent arcing between closely packed pins at high voltages (typically $500V$ to $1000V$ AC).
* **Insulation Resistance:** High-grade plastics ensure that there is no leakage current between the high-density pins, maintaining a resistance of $>1000M\Omega$.
* **Current Rating:** Designed for signal-level currents, usually ranging from $1A$ to $3A$ per contact.
---
### 3. Structural Components
The "M2/N" designation often refers to specific hardware or shell configurations:
1. **Insulator Body:** The core holding the 53 contacts in a precise grid to prevent misalignment during mating.
2. **Metallic Shell/Shielding:** The outer casing provides EMI (Electromagnetic Interference) protection, which is critical for high-frequency signal transmission.
3. **Locking Mechanism:** The "REB" and "M2" portions of the code often signify the type of screw-lock or latching mechanism used to secure the connection against vibration.
---
### 4. Common Applications
Due to its high pin count and robust build, you will find this part in:
* **Industrial PLC Units:** For multiple sensor inputs.
* **Medical Diagnostic Imaging:** Handling high-density data streams.
* **Avionics Control Systems:** Where space is limited but reliability is non-negotiable.
- ⤷
What is the exact pitch distance between the 53 pins in this connector?
- ⤷ Are there specific crimping tools required for the M2REB series?
- ⤷ Can this connector be used for high-speed data protocols like USB 3.0 or HDMI?