công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-R4A-R2/CE

  • AI
    The **M2REB-R4A-R2/CE** is a specialized industrial electronic component, typically associated with **Delta Electronics** and their **M-REB series** of industrial communication modules or motor control interfaces. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The following table highlights the core electronic parameters for this component: | Parameter | Specification Details | | :--- | :--- | | **Model Type** | Industrial Communication Interface / Remote I/O | | **I/O Configuration** | 4-Channel Analog (Input/Output depending on specific firmware) | | **Communication Protocol** | RS-485 / Modbus RTU / Proprietary Fieldbus | | **Operating Voltage** | 24V DC (Standard Industrial Range) | | **Certification** | CE (European Conformity) | | **Protection Class** | IP20 (Indoor/Cabinet Use) | --- ### 2. Key Electronic Parts and Functions The internal electronic design of this module is structured into several functional blocks: #### A. Power Regulation Circuit * **Voltage Regulator:** Converts the 24V DC input down to 5V or 3.3V for internal logic circuits. * **Reverse Polarity Protection:** Utilizes diodes to prevent damage if the power leads are swapped. #### B. Isolation & Protection * **Optocouplers:** These chips provide galvanic isolation between the high-voltage field signals and the sensitive internal CPU, preventing ground loops and surges. * **TVS Diodes:** Transient Voltage Suppressors are used on communication lines to protect against Electrostatic Discharge (ESD). #### C. Data Processing Core * **Microcontroller (MCU):** An ARM-based or proprietary 8/16-bit processor that handles the protocol stacks and signal conversion. * **EEPROM/Flash Memory:** Stores configuration parameters (such as Node ID or Baud rate) so they remain even after power loss. #### D. Connection Interface * **Terminal Blocks:** Screw or spring-type connectors for secure physical wiring. * **LED Indicators:** Visual feedback for "Power," "Communication State," and "Error Status." --- ### 3. Application Use-Case The electronic design is optimized for **Distributed Control Systems (DCS)**. 1. **Input Sensing:** Translating analog sensor data (0-10V or 4-20mA) into digital values. 2. **Transmission:** Sending those digital values over a long-distance RS-485 cable to a central PLC. 3. **Command Execution:** Receiving digital commands and converting them back to physical voltages to control actuators. --- ### 4. Sample Integration Logic If you are interfacing with this module via software, the communication logic typically follows this structure: ```python # Pseudo-code for reading data from the M2REB module via Modbus import minimalmodbus # Initialize instrument (Address 1, Port COM3) instrument = minimalmodbus.Instrument('COM3', 1) # Read Analog Input from Register 40001 voltage_reading = instrument.read_register(0, numberOfDecimals=2) print(f"Current Input Voltage: {voltage_reading}V") ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS-485 connection on this module?
    • ⤷ Does this model support Modbus TCP or only RTU serial communication?
    • ⤷ What is the maximum current draw for the 24V DC power input?