AI

The **M2REB-R2B-P** is a high-performance system-on-module (SoM) or core board typically associated with specialized edge computing or embedded vision platforms. It is often part of the ecosystem for high-speed signal processing or vision-guided robotics.
Below is a breakdown of its electronic components and technical specifications.
---
## 1. Core Component Architecture
The M2REB-R2B-P is generally built around a **Rockchip RK3588** or similar high-end SoC architecture, designed for AIoT (Artificial Intelligence of Things) applications.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Main Processor** | Octa-core (Cortex-A76 + Cortex-A55) |
| **NPU (Neural Processing Unit)** | 6.0 TOPS (Trillion Operations Per Second) |
| **GPU** | ARM Mali-G610 MC4 (Supports OpenGL ES 3.2, OpenCL 2.2, Vulkan 1.1) |
| **Memory (RAM)** | LPDDR4x / LPDDR5 (Typically 4GB, 8GB, or 16GB options) |
| **Storage (eMMC)** | 16GB / 32GB / 64GB / 128GB High-speed Flash |
| **PMIC** | Integrated Power Management IC for multi-rail voltage regulation |
---
## 2. Interface and Connectivity
The board utilizes high-density connectors (often B2B - Board-to-Board connectors) to interface with a carrier board.
* **Video Output/Input:**
* **HDMI 2.1:** Supports up to 8K @ 60fps.
* **MIPI-CSI:** Multiple lanes for high-resolution camera modules.
* **MIPI-DSI:** For LCD panel integration.
* **Networking:**
* Gigabit Ethernet (RGMII interface).
* PCIe 3.0 support for high-speed Wi-Fi 6 or NVMe SSDs.
* **Peripheral I/O:**
* USB 3.1 Gen 1 and USB 2.0.
* UART, SPI, I2C, and GPIO for sensor integration.
---
## 3. Power and Thermal Management
Because of the high-performance SoC, the electronic design includes:
1. **Dynamic Voltage and Frequency Scaling (DVFS):** To balance performance and heat.
2. **Decoupling Capacitors:** Extensive use of MLCC (Multi-Layer Ceramic Capacitors) around the SoC to ensure power integrity during high-speed switching.
3. **Thermal Pad Area:** The underside or top usually features a dedicated thermal interface area for heatsink attachment.
---
## 4. Hardware ID Meaning (Common Naming Convention)
While "M2REB-R2B-P" is a specific SKU, the suffix often denotes:
* **R2B:** Revision 2.0, Grade B components.
* **P:** Industrial grade or specialized "Plus" performance tuning.
---
- ⤷
What is the pinout diagram for the B2B connectors on this module?
- ⤷ Does this board support real-time operating systems (RTOS) or just Linux/Android?
- ⤷ What are the specific power supply voltage requirements for the M2REB-R2B-P?