công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-R24-R2/N

  • AI
    The **M2REB-R24-R2/N** is a specialized electronic component, typically classified as a **safety relay unit** or an interface module used in industrial automation. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview This device is often part of a safety monitoring system (like those produced by manufacturers such as IDEC or similar industrial brands). It is designed to monitor input signals (like emergency stops or light curtains) and ensure that power is cut to machinery in the event of a fault. ### 2. Technical Specifications The alphanumeric code provides specific details about its electronic limits and configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC/AC | The operating power required for the internal logic. | | **Contact Configuration** | 2NO (Normally Open) | Two safety-rated output contacts. | | **Response Time** | < 20ms | The speed at which the relay opens upon a trigger. | | **Mounting Type** | DIN Rail | Standard industrial 35mm rail mounting. | | **Terminal Type** | Screw Terminal | Secure physical connection for wiring. | --- ### 3. Key Electronic Components Internally, the M2REB-R24-R2/N consists of several critical stages: 1. **Input Conditioning Circuit:** * Uses **Optocouplers** to provide galvanic isolation between the control signals and the internal logic. * Includes **Zener Diodes** for overvoltage protection. 2. **Logic & Monitoring:** * Features **Force-Guided Relays**: These are specialized relays where the NC (Normally Closed) and NO (Normally Open) contacts are mechanically linked. If one contact welds, the other cannot move, preventing a false "safe" signal. * **Redundancy:** Dual-channel circuitry ensures that a single component failure does not lead to a loss of the safety function. 3. **Status Indicators (LEDs):** * **Power LED:** Indicates if the 24V supply is active. * **CH1/CH2 LEDs:** Indicate the state of the individual safety channels. --- ### 4. Circuit Implementation To integrate this part, it is typically wired in a dual-channel configuration to achieve high safety integrity levels (SIL). ```mermaid graph LR A[Safety Sensor] --> B(Channel 1 Input) A[Safety Sensor] --> C(Channel 2 Input) B --> D{Logic Control} C --> D D --> E[Output Relay 1] D --> F[Output Relay 2] E & F --> G[Motor Contactor] ``` --- ### 5. Safety Standards Electronic parts with this designation are usually compliant with: * **EN ISO 13849-1:** Safety of machinery. * **IEC 61508:** Functional safety of electrical/electronic systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the output contacts?
    • ⤷ How do you troubleshoot a 'channel mismatch' error on this relay?
    • ⤷ Can this module be used with a 110V AC input signal?