công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-R22-R2SLASHQ

  • AI
    The code **M2REB-R22-R2/Q** refers to a high-performance **Step-Servo Integrated Motor** manufactured by **Applied Motion Products**. This device combines a motor, encoder, and drive electronics into a single compact unit. Below is an explanation of its electronic components and specifications. --- ### 1. Electronic System Overview The M2REB-R22-R2/Q is part of the **Step-Servo** line, which uses closed-loop control. Unlike traditional open-loop steppers, these electronics monitor position to prevent stalls and increase efficiency. | Component | Description | | :--- | :--- | | **Integrated Drive** | On-board power electronics that convert DC power into phase current for the motor. | | **Feedback System** | High-resolution internal encoder (usually 20,000 counts/rev) for closed-loop positioning. | | **Communication Interface** | RS-485 port for configuration, daisy-chaining, and motion commanding. | | **Controller Type** | "Q" Model: Includes an onboard programmable controller for standalone execution of stored programs (Q Programming). | --- ### 2. Electrical Specifications These electronics require specific power and signal handling to function correctly. * **Input Voltage:** 12 - 48 VDC (Nominal). * **Current Rating:** Typically up to 5.0A peak per phase. * **Digital Inputs:** 3 inputs (Optically isolated, 5-24V). * **Digital Outputs:** 1 output (Optically isolated, 30V/100mA max). * **Analog Input:** 1 input (0-5V) for speed or position control. --- ### 3. Key Electronic Features * **Closed-Loop Control:** The electronics utilize **Step-Servo technology**, which uses the encoder feedback to dynamically adjust current. This results in cooler operation and higher torque at high speeds compared to standard steppers. * **Q-Programming:** The "Q" designation indicates the most advanced electronics suite in this series. It allows the motor to store "Q" segments (sequences) so it can run autonomously without a PLC or PC after initial setup. * **Ethernet/Fieldbus (Optional variants):** While the base model uses RS-485, the electronics architecture is designed for low latency and high-speed motion profile generation. --- ### 4. Wiring and Connection (I/O) The back of the unit features several electronic interfaces: | Interface | Type | Function | | :--- | :--- | :--- | | **Power** | 2-pin Terminal | Main DC Power supply. | | **I/O / Encoder** | Multi-pin | Connection for sensors, switches, or master controllers. | | **Communication** | RJ45/Circular | RS-485 port for `Step-Servo Quick Tuner` software configuration. | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'Q' and 'S' models in this series?
    • ⤷ How do I wire the digital inputs for an NPN or PNP configuration?
    • ⤷ What software is required to program the internal motion sequences?