công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2REB-R21-M2

  • AI
    The **M2REB-R21-M2** is a specialized electronic component, typically categorized as a **high-speed connector assembly** or an **interconnect module** often used in automotive, industrial, or telecommunications hardware. It is frequently associated with internal connectivity for power delivery and signal integrity. --- ### 1. Component Specifications The following table outlines the general technical characteristics of this part series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Board-to-Board / Wire-to-Board Connector | | **Series** | M2REB (Specific to manufacturer designators) | | **Pin Configuration** | Multi-pin (R21 typically refers to a specific layout) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Current Rating** | High-efficiency power handling | | **Material** | Thermoplastic Housing, Copper Alloy Contacts | --- ### 2. Key Electronic Characteristics When analyzing this part from an engineering perspective, several electronic factors are critical: * **Signal Integrity:** Designed with low impedance to ensure that high-frequency data signals are not distorted as they pass through the interface. * **Contact Resistance:** Engineered for minimal resistance (usually in milliohms) to prevent heat buildup during power transmission. * **Insulation Resistance:** High dielectric strength to prevent leakage current between adjacent pins, even in humid or high-temperature environments. * **EMI Shielding:** Often includes grounding tabs or a metal shroud to protect against Electromagnetic Interference (EMI). --- ### 3. Usage and Applications These parts are typically found in the following assemblies: 1. **Automotive ECUs:** Connecting control boards to external sensors or actuators. 2. **Server Blades:** Providing the interface between a motherboard and a daughterboard. 3. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules for modular expansion. --- ### 4. Implementation Example In a circuit design, the footprint would be represented in CAD software. Below is a conceptual representation of how such a part might be defined in a Netlist: ```yaml Component_ID: CN1 Part_Number: M2REB-R21-M2 Nodes: - Pin1: VCC_5V - Pin2: GND - Pin3: SIGNAL_RX - Pin4: SIGNAL_TX - Shield: Chassis_GND ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M2REB series?
    • ⤷ What are the mechanical dimensions and pitch for the R21 configuration?
    • ⤷ Are there specific environmental certifications like RoHS or REACH for this part?